Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS52-/MS Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LCS52-/MS
Description  2K 2.2V I2C??Serial EEPROM with Software Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS52-/MS Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LCS52-/MS Datasheet HTML 5Page - Microchip Technology 24LCS52-/MS Datasheet HTML 6Page - Microchip Technology 24LCS52-/MS Datasheet HTML 7Page - Microchip Technology 24LCS52-/MS Datasheet HTML 8Page - Microchip Technology 24LCS52-/MS Datasheet HTML 9Page - Microchip Technology 24LCS52-/MS Datasheet HTML 10Page - Microchip Technology 24LCS52-/MS Datasheet HTML 11Page - Microchip Technology 24LCS52-/MS Datasheet HTML 12Page - Microchip Technology 24LCS52-/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21166J-page 9
24AA52/24LCS52
6.0
WRITE PROTECTION
The 24XXX52 has a software write-protect feature that
allows the lower half of the array (addresses 00h-7Fh)
to be permanently write-protected, as well as a WP pin
that can be used to protect the entire array.
6.1
Software Write-Protect
The software write-protect feature is invoked by writing
to the write-protect register. This is done by sending a
command similar to a normal Write command. As shown
in Figure 6-1, the write-protect register is written by
sending a Write command with the slave address set to
‘0110’ instead of ‘1010’ and the address bits and data
bits are “don’t cares.” Once the software write-protect
register
has
been
written,
the
device
will
not
acknowledge the ‘0110’ control byte.
FIGURE 6-1:
SETTING WRITE-PROTECT REGISTER
6.2
Resetting the Software
Write-Protect Fuse
It is possible to reset the software write-protect feature
on the 24XXX52. This is done by sending a command
similar to setting the software write-protect command,
except the command is sent before the regular control
byte and is ‘1001’ . The full command will be shown in
Figure 6-2. In order for the command to work, a voltage
of Vcc + 5.5V must be applied to the WP pin and must
be sustained for 1
μS before the command is given. The
customer should also allow for a 5 ms delay after the
Stop bit for TWC.
S
P
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
Word
Address
Data
A
C
K
A
C
K
A
C
K
00
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com