Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS52-/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 24LCS52-/MS
Description  2K 2.2V I2C??Serial EEPROM with Software Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS52-/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24LCS52-/MS Datasheet HTML 10Page - Microchip Technology 24LCS52-/MS Datasheet HTML 11Page - Microchip Technology 24LCS52-/MS Datasheet HTML 12Page - Microchip Technology 24LCS52-/MS Datasheet HTML 13Page - Microchip Technology 24LCS52-/MS Datasheet HTML 14Page - Microchip Technology 24LCS52-/MS Datasheet HTML 15Page - Microchip Technology 24LCS52-/MS Datasheet HTML 16Page - Microchip Technology 24LCS52-/MS Datasheet HTML 17Page - Microchip Technology 24LCS52-/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
24AA52/24LCS52
DS21166J-page 14
© 2005 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
TXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXT
XXXXYYWW
NNN
24AA52
I/P
3EC
0510
24LCS52I
SN
0510
3EC
8-Lead MSOP
Example:
XXXXXT
YWWNNN
4S52I
5103EC
8-Lead TSSOP
Example:
XXXX
TYWW
NNN
S52
I510
3EC
8-Lead 2x3 DFN
XXX
YWW
NN
Example:
3
e
3
e
2M4
510
3E
Part Number
1st Line Marking Codes
TSSOP
MSOP
DFN
24AA52
A52
4A52I
2M1
24LCS52
S52
4S52I
2M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com