Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1027 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1027
Description  Linear Building Block - Quad Low Power Comparator and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1027 Datasheet(HTML) 3 Page - Microchip Technology

  TC1027 Datasheet HTML 1Page - Microchip Technology TC1027 Datasheet HTML 2Page - Microchip Technology TC1027 Datasheet HTML 3Page - Microchip Technology TC1027 Datasheet HTML 4Page - Microchip Technology TC1027 Datasheet HTML 5Page - Microchip Technology TC1027 Datasheet HTML 6Page - Microchip Technology TC1027 Datasheet HTML 7Page - Microchip Technology TC1027 Datasheet HTML 8Page - Microchip Technology TC1027 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21284B-page 3
TC1027
2.0
PIN DESCRIPTION
The description of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(16-Pin PDIP)
(16-Pin QSOP)
(16-Pin SOIC)
Symbol
Description
1
OUTB
Comparator output.
2
OUTA
Comparator output.
3VDD
Positive power supply.
4
INA-
Inverting comparator input.
5
INA+
Non-Inverting comparator input.
6
INB-
Inverting comparator input.
7
INB+
Non-Inverting comparator input.
8
REF+
Voltage reference output voltage.
9
GND
Voltage reference ground; must be tied to VSS.
10
INC-
Inverting comparator input.
11
INC+
Non-Inverting comparator input.
12
IND-
Inverting comparator input.
13
IND+
Non-Inverting comparator input.
14
VSS
Negative power supply.
15
OUTD
Comparator output.
16
OUTC
Comparator output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com