Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1027 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1027
Description  Linear Building Block - Quad Low Power Comparator and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1027 Datasheet(HTML) 4 Page - Microchip Technology

  TC1027 Datasheet HTML 1Page - Microchip Technology TC1027 Datasheet HTML 2Page - Microchip Technology TC1027 Datasheet HTML 3Page - Microchip Technology TC1027 Datasheet HTML 4Page - Microchip Technology TC1027 Datasheet HTML 5Page - Microchip Technology TC1027 Datasheet HTML 6Page - Microchip Technology TC1027 Datasheet HTML 7Page - Microchip Technology TC1027 Datasheet HTML 8Page - Microchip Technology TC1027 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1027
DS21284B-page 4
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1027 is one of a series of very low-power, linear
building block products targeted at low-voltage, single-
supply applications. The TC1027 minimum operating
voltage is 1.8V, and typical supply current is only 18
µA.
It combines four comparators and a voltage reference
inasinglepackage.
3.1
Comparators
The TC1027 contains four comparators. The compara-
tor's input range extends beyond both supply voltages
by 200mV and the outputs will swing to within several
millivolts of the supplies depending on the load current
being driven.
The comparators exhibit propagation delay and supply
current which are largely independent of supply
voltage. The low input bias current and offset voltage
make them suitable for high impedance precision
applications.
3.2
Voltage Reference
A 2.0% tolerance, internally biased, 1.20V bandgap
voltage reference is included in the TC1027. It has a
push pull output capable of sourcing and sinking at
least 50
µA.
GND (Pin 9) is connected to VSS (Pin 14) through the
substrate of the integrated circuit. Large currents can
flow between GND and VSS if the pins are not at the
same voltage.
4.0
TYPICAL APPLICATIONS
The TC1027 lends itself to a wide variety of
applications, particularly in battery-powered systems. It
Typically it finds application in power management,
processor supervisory and interface circuitry.
4.1
External Hysteresis (Comparator)
Hysteresis can be set externally with two resistors
using positive feedback techniques (see Figure 4-1).
The design procedure for setting external comparator
hysteresis is as follows:
1.
Choose the feedback resistor RC.Since the
input bias current of the comparator is at most
100pA, the current through RC canbeset to
100nA (i.e., 1000 times the input bias current)
and retain excellent accuracy. The current
through RC at the comparator’s trip point is VR/
RC where VR is a stable reference voltage.
2.
Determine the hysteresis voltage (VHY) between
the upper and lower thresholds.
3.
Calculate RA as follows:
EQUATION 4-1:
4.
Choose the rising threshold voltage for VSRC
(VTHR).
5.
Calculate RB as follows:
EQUATION 4-2:
6.
Verify
the
threshold
voltages
with
these
formulas:
VSRC rising:
EQUATION 4-3:
VSRC falling:
EQUATION 4-4:
R
A
R
C
V
HY
V
DD
-----------


=
R
B
1
V
THR
V
R
R
A
×
---------------------
 1
R
A
-------
–
1
R
C
-------
–
-----------------------------------------------------------
=
V
TH R
V
R
() R
A
()
1
R
A
-------


1
R
B
-------


1
R
C
-------


++
=
V
THF
V
THR
R
A
V
DD
×
R
C
-------------------------


–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com