Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1027CEQR Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1027CEQR
Description  Linear Building Block - Quad Low Power Comparator and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1027CEQR Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1027CEQR Datasheet HTML 2Page - Microchip Technology TC1027CEQR Datasheet HTML 3Page - Microchip Technology TC1027CEQR Datasheet HTML 4Page - Microchip Technology TC1027CEQR Datasheet HTML 5Page - Microchip Technology TC1027CEQR Datasheet HTML 6Page - Microchip Technology TC1027CEQR Datasheet HTML 7Page - Microchip Technology TC1027CEQR Datasheet HTML 8Page - Microchip Technology TC1027CEQR Datasheet HTML 9Page - Microchip Technology TC1027CEQR Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC1027
DS21284B-page 6
© 2002 Microchip Technology Inc.
Capacitor C1 will charge up through R4. When the
voltage at the comparator’s inverting input is equal to
VH, the comparator output will switch. With the output
at ground potential, the value at the non-inverting input
terminal (VL) is reduced by the hysteresis network to a
value given by:
EQUATION 4-7:
Using the same resistors as before, capacitor C1 must
now discharge through R4 toward ground. The output
will return to a high state when the voltage across the
capacitor has discharged to a value equal to VL.The
period of oscillation will be twice the time it takes for the
RC circuit to charge up to one half its final value. The
period can be calculated from:
EQUATION 4-8:
The frequency stability of this circuit should only be a
function of the external component tolerances.
Figure 4-6 shows the circuit for a pulse width modulator
circuit. It is essentially the same as in Figure 4-4, but
with the addition of an input control voltage. When the
input control voltage is equal to one-half VDD, operation
is basically the same as described for the free-running
oscillator. If the input control voltage is moved above or
below one-half VDD, the duty cycle of the output square
wave will be altered. This is because the addition of the
control voltage at the input has now altered the trip
points. The equations for these trip points are shown in
Figure 4-6 (see VH and VL).
Pulse width sensitivity to the input voltage variations
can be increased by reducing the value of R6 from
10k
Ω and conversely, sensitivity will be reduced by
increasing the value of R6. The values of R1 and C1
can be varied to produce the desired center frequency.
FIGURE 4-1:
COMPARATOR
EXTERNAL HYSTERESIS
CONFIGURATION
FIGURE 4-2:
PRECISION BATTERY MONITOR
V
L
V
DD
3
-----------
=
1
FREQ
-----------------
2 0.694
() R4
() C1
()
=
+
–
VR
VDD
VOUT
VSRC
RA
RB
RC
1/4
TC1027
VDD
VDD
VDD
R2, 330k, 1%
TC1034
1/4
R4, 470k, 1%
R5, 7.5M
1/4
R6, 7.5M
R3, 470k, 1%
R1, 270k, 1%
VR
To System DC/DC
Converter
3V
Alkaline
TC1027
BATTFAIL
BATTLOW
CMPTR1
+
–
CMPTR2
+
–
AMP1
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com