Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1027CEQR Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1027CEQR
Description  Linear Building Block - Quad Low Power Comparator and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1027CEQR Datasheet(HTML) 1 Page - Microchip Technology

  TC1027CEQR Datasheet HTML 1Page - Microchip Technology TC1027CEQR Datasheet HTML 2Page - Microchip Technology TC1027CEQR Datasheet HTML 3Page - Microchip Technology TC1027CEQR Datasheet HTML 4Page - Microchip Technology TC1027CEQR Datasheet HTML 5Page - Microchip Technology TC1027CEQR Datasheet HTML 6Page - Microchip Technology TC1027CEQR Datasheet HTML 7Page - Microchip Technology TC1027CEQR Datasheet HTML 8Page - Microchip Technology TC1027CEQR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21284B-page 1
Features
• Combines Four Comparators and a Voltage
Reference in a Single Package
• Optimized for Single Supply Operation
• Small Package: 16-Pin SOIC, 16-Pin QSOP or
16-Pin PDIP (Narrow)
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current: 18
µA(Typ.)
•Operates Down to VDD =1.8V Min
Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products
Device Selection Table
Package Types
General Description
The TC1027 is a mixed-function device combining four
general purpose comparators and a voltage reference
in a single 16-pin package. This increased integration
allows the user to replace two packages, which saves
space, lowers supply current, and increases system
performance.
The TC1027 is optimized for low supply voltage and
very low supply current operation (18
µAtyp), making it
ideal for battery-operated applications. The compara-
tors have rail-to-rail inputs and outputs which allows
operation from low supply voltages with large input and
output signal swings.
Packaged in a 16-Pin QSOP, 16-Pin SOIC (0.150 wide)
or 16-Pin PDIP, the TC1027 is ideal for applications
requiring high integration, small size and low power.
Functional Block Diagram
Part Number
Package
Temperature
Range
TC1027CEPR
16-Pin PDIP
-40°C to +85°C
TC1027CEQR
16-Pin QSOP
-40°C to +85°C
TC1027CEOR
16-Pin SOIC
-40°C to +85°C
OUTC
TC1027CEPR
TC1027CEQR
TC1027CEOR
1
2
3
4
16
15
14
OUTB
OUTA
VDD
OUTD
VSS
INA-
IND+
IND-
INC+
INC-
INA+
INB-
INB+
REF+
GND
5
6
7
8
13
12
11
10
9
16-Pin PDIP
16-Pin QSOP
16-Pin SOIC
GND
OUTB
OUTA
VDD
OUTD
TC1027
VSS
INA-
IND+
IND-
INC+
INC-
INA+
INB-
INB+
REF+
OUTC
Voltage
Reference
A
B
C
D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TC1027
Linear Building Block – Quad Low Power
Comparator and Voltage Reference


Similar Part No. - TC1027CEQR

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1027COR TELCOM-TC1027COR Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1027CPE TELCOM-TC1027CPE Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1027CQR TELCOM-TC1027CQR Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
More results

Similar Description - TC1027CEQR

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com