Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C00-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C00-E/P
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C00-E/P Datasheet(HTML) 1 Page - Microchip Technology

  24C00-E/P Datasheet HTML 1Page - Microchip Technology 24C00-E/P Datasheet HTML 2Page - Microchip Technology 24C00-E/P Datasheet HTML 3Page - Microchip Technology 24C00-E/P Datasheet HTML 4Page - Microchip Technology 24C00-E/P Datasheet HTML 5Page - Microchip Technology 24C00-E/P Datasheet HTML 6Page - Microchip Technology 24C00-E/P Datasheet HTML 7Page - Microchip Technology 24C00-E/P Datasheet HTML 8Page - Microchip Technology 24C00-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2004 Microchip Technology Inc.
DS21226E-page 1
24LCS61/24LCS62
Device Selection Table
Features
• Low-power CMOS technology
- 1 mA active current typical
-10
µA standby current typical at 5.5V
• Software addressability allows up to 255 devices
on the same bus
• 2-wire serial interface bus, I2C compatible
• Automatic bus arbitration
• Wakes up to control code 0110
• General purpose output pin can be used to enable
other circuitry
• 100 kHz and 400 kHz compatibility
• Page write buffer for up to 16 bytes
• 10 ms max write cycle time for byte or page write
• 1,000,000 erase/write cycles
• 8-pin PDIP, SOIC or TSSOP packages
• Temperature ranges supported:
Description
The Microchip Technology Inc. 24LCS61/62 is a 1K/2K
bit Serial EEPROM developed for applications that
require many devices on the same bus but do not have
the I/O pins required to address each one individually.
These devices contain an 8 bit address register that is
set upon power-up and allows the connection of up to
255 devices on the same bus. When the process of
assigning ID values to each device is in progress, the
device will automatically handle bus arbitration if more
than one device is operating on the bus. In addition, an
external open drain output pin is available that can be
used to enable other circuitry associated with each
individual
system.
Low
current
design
permits
operation with typical standby and active currents of
only 10
µA and 1 mA respectively. The device has a
page write capability for up to 16 bytes of data. The
device is available in the standard 8-pin PDIP, SOIC
(150 mil), and TSSOP packages.
Package Types
Block Diagram
Pin Function Table
Device
Array
Size
Voltage
Range
Software Write
Protection
24LCS51
1K bits
2.5V-5.5V
Entire Array
24LCS62
2K bits
2.5V-5.5V
Lower Half
- Industrial (I):
-40°C to +85°C
Name
Function
VSS
Ground
SDA
Serial Data
SCL
Serial Clock
VCC
+2.5V to 5.5V Power Supply
NC
No Internal Connection
EDS
External Device Select Output
PDIP
NC
NC
EDS
Vss
Vcc
NC
SCL
SDA
1
2
3
4
8
7
6
5
NC
NC
EDS
Vss
VCC
NC
SCL
SDA
1
2
3
4
8
7
6
5
SOIC
TSSOP
NC
NC
EDS
VSS
Vcc
NC
SCL
SDA
1
2
3
4
8
7
6
5
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
EDS
ID Register
Serial Number
1K/2K Software Addressable I2C™ Serial EEPROM
I2C is a trademark of Philips Corporation.
Obsolete Device


Similar Part No. - 24C00-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C00-E/P MICROCHIP-24C00-E/P Datasheet
378Kb / 24P
128 Bit I2C Bus Serial EEPROM
2007
24C00-E/P MICROCHIP-24C00-E/P Datasheet
788Kb / 34P
128-Bit I2C??Bus Serial EEPROM
08/02/11
More results

Similar Description - 24C00-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS61 MICROCHIP-24LCS61 Datasheet
426Kb / 16P
1K/2K Software Addressable I 2 C ??Serial EEPROM
1997
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
1K I2C Serial EEPROM
2003
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com