Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS61 Datasheet (PDF) - Microchip Technology

24LCS61 Datasheet PDF - Microchip Technology
Part # 24LCS61
Download  24LCS61 Download
File Size   426.01 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K Software Addressable I 2 C ??Serial EEPROM

24LCS61 Datasheet (PDF)

Go To PDF Page Download Datasheet
24LCS61 Datasheet PDF - Microchip Technology

Part # 24LCS61
Download  24LCS61 Click to download

File Size   426.01 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K Software Addressable I 2 C ??Serial EEPROM

24LCS61 Datasheet (HTML) - Microchip Technology


24LCS61 Product details

Description
The Microchip Technology Inc. 24LCS61/62 is a 1K/2K bit Serial EEPROM developed for applications that require many devices on the same bus but do not have the I/O pins required to address each one individually. These devices contain an 8 bit address register that is set upon power-up and allows the connection of up to 255 devices on the same bus. When the process of assigning ID values to each device is in progress, the device will automatically handle bus arbitration if more than one device is operating on the bus. In addition, an external open drain output pin is available that can be used to enable other circuitry associated with each individual system. Low current design permits operation with typical standby and active currents of only 10 µA and 1 mA respectively. The device has a page write capability for up to 16 bytes of data. The device is available in the standard 8-pin PDIP, SOIC (150 mil), and TSSOP packages.

Features
• Low-power CMOS technology
   - 1 mA active current typical
   - 10 µA standby current typical at 5.5V
• Software addressability allows up to 255 devices on the same bus
• 2-wire serial interface bus, I2C compatible
• Automatic bus arbitration
• Wakes up to control code 0110
• General purpose output pin can be used to enable other circuitry
• 100 kHz and 400 kHz compatibility
• Page write buffer for up to 16 bytes
• 10 ms max write cycle time for byte or page write
• 1,000,000 erase/write cycles
• 8-pin PDIP, SOIC or TSSOP packages
• Temperature ranges supported:
   - Industrial (I): -40°C to +85°C




Similar Part No. - 24LCS61

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS61 MICROCHIP-24LCS61 Datasheet
204Kb / 22P
1K/2K Software Addressable I2C??Serial EEPROM
2004
24LCS61 MICROCHIP-24LCS61_04 Datasheet
204Kb / 22P
1K/2K Software Addressable I2C??Serial EEPROM
2004
More results


Similar Description - 24LCS61

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
logo
Microchip Technology
24AA01 MICROCHIP-24AA01 Datasheet
74Kb / 12P
1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24LC024 MICROCHIP-24LC024 Datasheet
163Kb / 12P
2K 2.5V I 2 C ??Serial EEPROM
1997
24LC21 MICROCHIP-24LC21 Datasheet
81Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2004
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
24LCS61 MICROCHIP-24LCS61_04 Datasheet
204Kb / 22P
1K/2K Software Addressable I2C??Serial EEPROM
2004
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com