Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1029 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1029
Description  Linear Building Block - Dual Low Power Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1029 Datasheet(HTML) 1 Page - Microchip Technology

  TC1029 Datasheet HTML 1Page - Microchip Technology TC1029 Datasheet HTML 2Page - Microchip Technology TC1029 Datasheet HTML 3Page - Microchip Technology TC1029 Datasheet HTML 4Page - Microchip Technology TC1029 Datasheet HTML 5Page - Microchip Technology TC1029 Datasheet HTML 6Page - Microchip Technology TC1029 Datasheet HTML 7Page - Microchip Technology TC1029 Datasheet HTML 8Page - Microchip Technology TC1029 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21340B-page 1
Features
• Optimized for Single Supply Operation
• Small Packages: 8-Pin MSOP, 8-Pin PDIP and
8-Pin SOIC
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current: 12
µA(Typ.)
• Rail-to-Rail Inputs and Outputs
• Operates Down to 1.8V
Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products
Device Selection Table
Package Types
General Description
The TC1029 is a dual, CMOS operational amplifier
designed for low-power applications. It is designed
specifically for operation from a single supply, however,
operation from dual supplies is also possible, and the
power supply current drain is independent of the
magnitude of the power supply voltage. The TC1029
operates from two 1.5V alkaline cells down to VDD =
1.8V. Supply current is only typically 12
µA, which
significantly extends battery life.
Rail-to-rail inputs and outputs allow operation from low
supply voltages while accommodating large input
signals, yielding larger output signals.
Packaged in an 8-Pin MSOP, SOIC or DIP, the TC1029
is ideal for battery operated applications.
Functional Block Diagram
Part Number
Package
Temperature
Range
TC1029EPA
8-Pin PDIP
-40°C to +85°C
TC1029EUA
8-Pin MSOP
-40°C to +85°C
TC1029EOA
8-Pin SOIC
-40°C to +85°C
VSS
VDD
1
2
3
4
8
7
6
5
TC1029EPA
TC1029EUA
TC1029EOA
8-Pin PDIP
8-Pin MSOP
8-Pin SOIC
OUTB
IN2-
IN2+
IN1+
IN1-
OUTA
A
–
–
TC1029
OUTB
VDD
IN2-
IN2+
IN1
-
IN1+
VSS
OUTA
B
1
2
3
4
8
7
6
5
TC1029
Linear Building Block – Dual Low Power Op Amp


Similar Part No. - TC1029

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1029COA TELCOM-TC1029COA Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1029CPA TELCOM-TC1029CPA Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1029CUA TELCOM-TC1029CUA Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1029EOA TELCOM-TC1029EOA Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
More results

Similar Description - TC1029

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1030 TELCOM-TC1030 Datasheet
27Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Microchip Technology
TC1030 MICROCHIP-TC1030 Datasheet
469Kb / 14P
Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
logo
Microchip Technology
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
Linear Building Block - Dual Low Power Comparator
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com