Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1043 Datasheet (PDF) - Microchip Technology

TC1043 Datasheet PDF - Microchip Technology
Part # TC1043
Download  TC1043 Download
File Size   508.39 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode

TC1043 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1043 Datasheet PDF - Microchip Technology

Part # TC1043
Download  TC1043 Click to download

File Size   508.39 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode

TC1043 Datasheet (HTML) - Microchip Technology


TC1043 Product details

General Description
The TC1043 is a mixed-function device combining two general purpose op amps, two general purpose comparators, and a voltage reference in a single 16-Pin package.

Features
• Combines Two Op Amps, Two Comparators and a Voltage Reference in a Single Package
• Optimized for Single-Supply Operation
• Small Package: 16-Pin QSOP
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current: Operating 16µA (Typ.)
                                         Shutdown 6µA (Typ.)
• Rail-to-Rail Inputs and Outputs
• Operates Down to VDD = 1.8V
• Reference and One Comparator Remain Active in Shutdown to Provide Supervisory Functions

Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products
• Replacements for Discrete Components




Similar Part No. - TC1043

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1040CEUA MICROCHIP-TC1040CEUA Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1041CEOA MICROCHIP-TC1041CEOA Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1041CEUA MICROCHIP-TC1041CEUA Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
More results


Similar Description - TC1043

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1029 MICROCHIP-TC1029 Datasheet
486Kb / 14P
Linear Building Block - Dual Low Power Op Amp
2002
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com