Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1043 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1043
Description  Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1043 Datasheet(HTML) 1 Page - Microchip Technology

  TC1043 Datasheet HTML 1Page - Microchip Technology TC1043 Datasheet HTML 2Page - Microchip Technology TC1043 Datasheet HTML 3Page - Microchip Technology TC1043 Datasheet HTML 4Page - Microchip Technology TC1043 Datasheet HTML 5Page - Microchip Technology TC1043 Datasheet HTML 6Page - Microchip Technology TC1043 Datasheet HTML 7Page - Microchip Technology TC1043 Datasheet HTML 8Page - Microchip Technology TC1043 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21347B-page 1
Features
• Combines Two Op Amps, Two Comparators and
a Voltage Reference in a Single Package
• Optimized for Single-Supply Operation
• Small Package: 16-Pin QSOP
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current: Operating 16
µA(Typ.)
Shutdown 6
µA(Typ.)
• Rail-to-Rail Inputs and Outputs
•Operates Down to VDD =1.8V
• Reference and One Comparator Remain Active in
Shutdown to Provide Supervisory Functions
Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products
• Replacements for Discrete Components
Device Selection Table
Package Type
General Description
The TC1043 is a mixed-function device combining two
general purpose op amps, two general purpose com-
parators, and a voltage reference in a single 16-Pin
package.
This increased integration allows the user to replace
two or three packages, saving space, lowering supply
current, and increasing system performance. A shut-
down input, SHDN, disables the op amps and one of
the comparators, placing their outputs in a high-imped-
ance state. The reference and one comparator stay
active in shutdown mode. Standby power consumption
is typically 6
µA. Both the op amps and comparators
have rail-to-rail inputs and outputs which allows opera-
tion from low supply voltages with large input and out-
put signal swings.
Packaged in a 16-Pin QSOP, the TC1043 is ideal for
applications requiring high integration, small size and
low power.
Part Number
Package
Temperature
Range
TC1043CEQR
16-Pin QSOP
-40°C to +85°C
V
DD
1
2
3
4
16
15
14
A1
IN+
A1
IN–
A2
IN+
A1
OUT
A2
OUT
A2
IN–
C1
IN+
C1
IN–
C2
IN+
C2
IN–
C1
OUT
C2
OUT
SHDN
V
SS
V
REF
5
6
7
8
13
12
11
10
9
16-Pin QSOP
TC1043
Linear Building Block – Low Power Voltage Reference with
Dual Op Amp, Dual Comparator, and Shutdown Mode


Similar Part No. - TC1043

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1040CEUA MICROCHIP-TC1040CEUA Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1041CEOA MICROCHIP-TC1041CEOA Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1041CEUA MICROCHIP-TC1041CEUA Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
More results

Similar Description - TC1043

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1029 MICROCHIP-TC1029 Datasheet
486Kb / 14P
Linear Building Block - Dual Low Power Op Amp
2002
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com