Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1043 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1043
Description  Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1043 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1043 Datasheet HTML 7Page - Microchip Technology TC1043 Datasheet HTML 8Page - Microchip Technology TC1043 Datasheet HTML 9Page - Microchip Technology TC1043 Datasheet HTML 10Page - Microchip Technology TC1043 Datasheet HTML 11Page - Microchip Technology TC1043 Datasheet HTML 12Page - Microchip Technology TC1043 Datasheet HTML 13Page - Microchip Technology TC1043 Datasheet HTML 14Page - Microchip Technology TC1043 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21347B-page 11
TC1043
FIGURE 4-8:
PULSE WIDTH MODULATOR
FIGURE 4-9:
MULTI-POLE BUTTERWORTH VOICE BAND RECEIVE FILTER
+
–
R6
10k
R4
VC
VDD
VDD
R1
100k
R3
100k
R2
100k
C1
FREQ =
1
2
2 (0.694) (R4) (C1)
For Square Wave Generation,
Select R1 = R2 = R3
TC1043
Comparator
VH =
VC =
VDD
VDD (R1R2R6 + R2R3R6) + VC (R1R2R3)
R1R2R6 + R1R3R6 + R2R3R6 + R1R2R3
VDD (R2R3R6) + VC (R1R2R3)
R1R2R6 + R1R3R6 + R2R3R6 + R1R2R3
VL =
VDD
VDD
+
–
+
–
VOUT
VIN
21.0k
21.0k
21.0k
2400 pF
470 pF
750 pF
VDD /2
6800 pF
0.1 µF
22.6k
22.6k
Gain = 0 dB
Fch = 3.5kHz
-24 dB/Octave
Fcl = 70Hz
+6 dB/Octave
Passband Ripple
< 0.15 dB
TC1043
Two (2) TC1043 Op Amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com