Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1043 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1043
Description  Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1043 Datasheet(HTML) 5 Page - Microchip Technology

  TC1043 Datasheet HTML 1Page - Microchip Technology TC1043 Datasheet HTML 2Page - Microchip Technology TC1043 Datasheet HTML 3Page - Microchip Technology TC1043 Datasheet HTML 4Page - Microchip Technology TC1043 Datasheet HTML 5Page - Microchip Technology TC1043 Datasheet HTML 6Page - Microchip Technology TC1043 Datasheet HTML 7Page - Microchip Technology TC1043 Datasheet HTML 8Page - Microchip Technology TC1043 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21347B-page 5
TC1043
3.0
DETAILED DESCRIPTION
The TC1043 is one of a series of very low power, linear
building block products targeted at low voltage, single
supply applications. The TC1043 minimum operating
voltage is 1.8V and typical supply current is only 20
µA
(fully enabled). It combines two comparators, two op
amps and a voltage reference in a single package. A
shutdown mode is incorporated for easy adaptation to
system power management schemes. During shut-
down, all but one comparator and the voltage reference
are disabled (i.e. powered down with their respective
outputs at high impedance). The “still awake” compar-
ator and voltage reference can be used as a wake-up
timer, power supply monitor, LDO controller or other
continuous duty circuit function.
3.1
Comparators
The TC1043 contains two comparators. The compara-
tors input range extends beyond both supply voltages
by 200mV and the outputs will swing to within several
millivolts of the supplies, depending on the load current
being driven.
The comparators exhibit a propagation delay and sup-
ply current which are largely independent of supply
voltage. The low input bias current and offset voltage
make them suitable for high impedance precision appli-
cations.
Comparator CMPTR1 is disabled during shutdown and
has a high impedance output. Comparator CMPTR2
remains active.
3.2
Operational Amplifiers
The TC1043 contains two rail-to-rail op amps. The
amplifiers’ input range extends beyond both supplies
by 200mV and the outputs will swing to within several
millivolts of the supplies depending on the load current
being driven.
The amplifier design is such that large signal gain, slew
rate and bandwidth are largely independent of supply
voltage. The low input bias current and offset voltage of
the TC1043 make it suitable for precision applications.
Both op amps are disabled during shutdown and have
high output impedance.
3.3
Voltage Reference
A 2.0% tolerance, internally biased, 1.20V bandgap
voltage reference is included in the TC1043. It has a
push-pull output capable of sourcing and sinking at
least 50
µA. The voltage reference remains fully
enabled during shutdown.
3.4
Shutdown Input
SHDN at VIL disables both op amps and one compara-
tor. The SHDN input cannot be allowed to float. When
not used, connect it to VDD. The disabled comparator’s
output and the two disabled op amp outputs are in a
high impedance state when shutdown is active. The
disabled comparator’s inputs and the two disabled op
amp inputs can be driven from rail-to-rail by an external
voltage when the TC1043 is in shutdown. No latch-up
will occur when the device is driven to its enabled state
when SHDN is set to VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com