Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1043 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1043
Description  Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1043 Datasheet(HTML) 2 Page - Microchip Technology

  TC1043 Datasheet HTML 1Page - Microchip Technology TC1043 Datasheet HTML 2Page - Microchip Technology TC1043 Datasheet HTML 3Page - Microchip Technology TC1043 Datasheet HTML 4Page - Microchip Technology TC1043 Datasheet HTML 5Page - Microchip Technology TC1043 Datasheet HTML 6Page - Microchip Technology TC1043 Datasheet HTML 7Page - Microchip Technology TC1043 Datasheet HTML 8Page - Microchip Technology TC1043 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC1043
DS21347B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................6.0V
Voltage on Any Pin ........... (VSS –0.3V) to (VDD +0.3V)
Junction Temperature....................................... +150°C
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -55°C to +150°C
*Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the
device at these or any other conditions above those indi-
cated in the operation sections of the specifications is not
implied. Exposure to Absolute Maximum Rating conditions
for extended periods my affect device reliability.
TC1043 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Typical values apply at 25°C and VDD = 3V. Minimum and maximum values apply for TA =-40° to
+85°C, andVDD = 1.8V to 5.5V, unless otherwise specified.
Symbol
Parameter
Min.
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
1.8
5.5
V
IQ
Supply Current Operating
16
30
µA
All outputs unloaded,
SHDN =VDD
ISHDN
Supply Current, Shutdown
6
10
µACMPTR2 and VREF Outputs
unloaded, SHDN =VSS
Shutdown Input
VIH
Input High Threshold
80% VDD
——
V
VIL
Input Low Threshold
20% VDD
V
ISI
Shutdown Input Current
±100
nA
Op Amps
TSEL
Select Time
15
µsec
(VOUT from SHDN =VIH)
RL = 10kΩ to VSS
TDESEL
Deselect Time
100
nsec
(VOUT from SHDN =VIL)
RL = 10kΩ to VSS
ROUT(SD)
Output Resistance in Shutdown
20
M
SHDN =VSS
COUT(SD)
Output Capacitance in Shutdown
6
pF
SHDN =VSS
AVOL
Large Signal Voltage Gain
100
V/mV
RL = 10kΩ,VDD =5V
VICMR
Common Mode Input Voltage Range
VSS -0.2
VDD +0.2
V
VOS
Input Offset Voltage
±100
±0.3
±500
±1.5
µV
mV
VDD =3V, VCM =1.5V, TA =
25°C, TA = -40°C to 85°C
IB
Input Bias Current
-100
50
100
pA
TA =25°C, VCM =VDD to VSS
VOS(DRIFT)
Input Offset Voltage Drift
±4
µV/°C VDD =3V, VCM =1.5V
GBWP
Gain-Bandwidth Product
90
kHz
VDD = 1.8V to 5.5V
VO =VDD to VSS
SR
Slew Rate
35
mV/
µsec
CL = 100pF
RL =1MΩ to GND
Gain = 1
VIN =VSS to VDD
VOUT
Output Signal Swing
VSS +0.05
VSS -0.05
V
RL = 10kΩ
CMRR
Common Mode Rejection Ratio
70
dB
TA =25°C, VDD =5V
VCM =VDD to VSS
PSRR
Power Supply Rejection Ratio
80
dB
TA =25°C, VCM =VSS
VDD =VDD to VSS
ISRC
Output Source Current
3
mA
IN+=VDD,IN- = VSS
Output Shorted to VSS
VDD =1.8V, Gain =1
ISINK
Output Sink Current
4
mA
IN+=VSS,IN- = VDD
Output Shorted to VDD
VDD =1.8V, Gain =1
En
Input Noise Voltage
10
µVPP 0.1Hz to 10Hz
en
Input Noise Voltage Density
125
nV/
√Hz 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com