Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1043 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC1043
Description  Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1043 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC1043 Datasheet HTML 10Page - Microchip Technology TC1043 Datasheet HTML 11Page - Microchip Technology TC1043 Datasheet HTML 12Page - Microchip Technology TC1043 Datasheet HTML 13Page - Microchip Technology TC1043 Datasheet HTML 14Page - Microchip Technology TC1043 Datasheet HTML 15Page - Microchip Technology TC1043 Datasheet HTML 16Page - Microchip Technology TC1043 Datasheet HTML 17Page - Microchip Technology TC1043 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TC1043
DS21347B-page 14
© 2002 Microchip Technology Inc.
TYPICAL CHARACTERISTICS (CONTINUED)
Op-Amp Short-Circuit Current
vs. Supply Voltage
SUPPLY VOLTAGE (V)
Op-Amp DC Open-Loop Gain
vs. Temperature
TEMPERATURE (
°C)
3000
50
45
40
35
30
25
20
15
10
5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
2500
2000
1500
1000
500
0
-40
°C
25
°C
85
°C
ISINK
SUPPLY VOLTAGE (V)
Op-Amp DC Open-Loop Gain
vs. Supply Voltage
140
120
100
80
60
40
20
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Op-Amp Load Resistance
vs. Load Capacitance
Op-Amp Small-Signal
Transient Response
TIME (
µsec)
100
50
0
100
50
0
0
250 500 750 1000
10 20 30 40 50 60 70 80
90
12501500 1750 2000
100
10
1
1000
V
V
= 1.5V
10% Overshoot
Region of Marginal Stability
Region of Stable Operation
Op-Amp Short-Circuit Current
vs. Supply Voltage
SUPPLY VOLTAGE (V)
0
-5
-10
-15
-20
-25
-30
-35
0.0
1.0
2.0
3.0
4.0
5.0
6.0
ISRC
Large-Signal
Transient Response
TIME (
µsec)
4
6
2
0
4
6
2
0
10 20 30 40 50 60 70 80
90
Op-Amp Power Supply Rejection
Ratio (PSRR) vs. Frequency
FREQUENCY (Hz)
1K
10K
100
0
-10
-20
-30
-40
-50
-60
-70
100K
VDD = 3V
VCM = 1.5V
VIN = 100mVPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com