Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1031 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1031
Description  Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1031 Datasheet(HTML) 2 Page - Microchip Technology

  TC1031 Datasheet HTML 1Page - Microchip Technology TC1031 Datasheet HTML 2Page - Microchip Technology TC1031 Datasheet HTML 3Page - Microchip Technology TC1031 Datasheet HTML 4Page - Microchip Technology TC1031 Datasheet HTML 5Page - Microchip Technology TC1031 Datasheet HTML 6Page - Microchip Technology TC1031 Datasheet HTML 7Page - Microchip Technology TC1031 Datasheet HTML 8Page - Microchip Technology TC1031 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC1031
DS21342C-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................6.0V
Voltage on Any Pin .......... (VSS – 0.3V) to (VDD + 0.3V)
Junction Temperature....................................... +150°C
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range ..............-55°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1031 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Typical values apply at 25°C and VDD = 3.0V; TA = -40° to +85°C, and VDD = 1.8V to 5.5V, unless
otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
1.8
—
5.5
V
IQ
Supply Current, Operating
—
6
10
μA
All Outputs Open, SHDN = VDD
ISHDN
Supply Current, Shutdown
—
—
0.1
μASHDN = VSS
Shutdown Input
VIH
Input High Threshold
80% VDD
——
V
VIL
Input Low Threshold
—
—
20% VDD
V
ISI
Shutdown Input Current
—
—
±100
nA
Comparator
ROUT (SD)
Output Resistance in Shutdown
20
—
—
M
Ω
SHDN = VSS
COUT (SD)
Output Capacitance in Shutdown
—
—
5
pF
SHDN = VSS
TSEL
Select Time
—
20
—
μsec
VOUT Valid from SHDN = VIH
RL=10kΩ to VSS
TDESEL
Deselect Time
—
500
—
nsec
VOUT Invalid from SHDN = VIL
RL=10kΩ to VSS
VICMR
Common-Mode Input Voltage Range
VSS – 0.2
—
VDD + 0.2
V
VOS
Input Offset Voltage (Note 1)
–5
—
+5
mV
VDD = 3V, VCM = 1.5V
IB
Input Bias Current
—
—
±100
pA
TA = 25°C
IN+, IN- = VDD to VSS
VOH
Output High Voltage
VDD – 0.3
—
—
V
RL = 10kΩ to VSS
VOL
Output Low Voltage
—
—
0.3
V
RL = 10kΩ to VDD
CMRR
Common Mode Rejection Ratio
66
—
—
dB
TA = 25°C, VDD = 5V
VCM = VDD to VSS
PSRR
Power Supply Rejection Ratio
60
—
—
dB
TA = 25°C, VDD = 1.8V to 5V
VCM = 1.2V
ISRC
Output Source Current
1
—
—
mA
IN+ = VDD, IN- = VSS
VDD = 1.8V,
Output Shorted to VSS
ISINK
Output Sink Current
2
—
—
mA
IN+ = VSS, IN- = VDD,
VDD = 1.8V,
Output Shorted to VDD
VHYST
Voltage Range at HYST Pin
VREF – 0.08
—
VREF
V
IHYST
Hysteresis Input Current
—
—
±100
nA
tPD1
Response Time
—
4
—
μsec
100mV Overdrive; CL = 100pF
tPD2
Response Time
—
6
—
μsec
100mV Overdrive; CL = 100pF
Note
1:
VOS is measured as (VUT + VLT – 2VREF)/2 where VUT is the upper hysteresis threshold and VLT is the lower hysteresis threshold with
VREF – VHYST set to 10mV. This represents the asymmetry of the hysteresis thresholds around VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com