Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1031 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1031
Description  Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1031 Datasheet(HTML) 1 Page - Microchip Technology

  TC1031 Datasheet HTML 1Page - Microchip Technology TC1031 Datasheet HTML 2Page - Microchip Technology TC1031 Datasheet HTML 3Page - Microchip Technology TC1031 Datasheet HTML 4Page - Microchip Technology TC1031 Datasheet HTML 5Page - Microchip Technology TC1031 Datasheet HTML 6Page - Microchip Technology TC1031 Datasheet HTML 7Page - Microchip Technology TC1031 Datasheet HTML 8Page - Microchip Technology TC1031 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2005 Microchip Technology Inc.
DS21342C-page 1
Features
• Combines Comparator and Voltage Reference in
a Single Package
• Optimized for Single Supply Operation
• Small Package: 8-Pin MSOP
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current, Active: 6
μA (Typ.),
Shutdown Mode: 0.1
μA (Typ.)
• Rail-to-Rail Inputs and Outputs
• Operates Down to VDD = 1.8V
• Programmable Hysteresis
Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products
Device Selection Table
Package Type
General Description
The TC1031 is a low-power comparator and voltage
reference designed specifically for low-power applica-
tions. The TC1031 is designed for operation from a
single supply, however operation from dual supplies is
also possible. The power supply current drain is
independent of the magnitude of the power supply
voltage. The TC1031 can operate from two 1.5V
alkaline cells, and operation is ensured to VDD = 1.8V.
Typical active supply current is 6
μA. Rail-to-rail inputs
and outputs allow operation from low supply voltages
with large input and output signal swings.
The TC1031 provides a simple method for adding user-
adjustable hysteresis without feedback or complex
external circuitry. Hysteresis is adjusted with a simple
resistor divider on the HYST input. A shutdown input,
SHDN, disables the comparator and voltage reference
and reduces supply current to less than 0.1
μA
(maximum) when taken low.
The TC1031 is packaged in a space-saving 8-Pin
MSOP, making it ideal for applications requiring high
integration, small size and low power.
Functional Block Diagram
Part Number
Package
Temperature
Range
TC1031CEUA
8-Pin MSOP
-40°C to +85°C
VREF
HYST
1
2
3
4
8
7
6
5
TC1031CEUA
VDD
INA+
INA
-
OUT
8-Pin MSOP
SHDN
VSS
VSS
SHDN
IN+
VDD
VREF
IN-
HYST
OUT
Voltage
Reference
–
1
2
3
45
6
7
8
TC1031
TC1031
Linear Building Block – Low Power Voltage Reference with
Programmable Hysteresis Comparator and Shutdown
Obsolete Device


Similar Part No. - TC1031

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
logo
TelCom Semiconductor, I...
TC1031CCT TELCOM-TC1031CCT Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1031CEUA MICROCHIP-TC1031CEUA Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
logo
TelCom Semiconductor, I...
TC1031ECT TELCOM-TC1031ECT Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
More results

Similar Description - TC1031

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com