Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM148 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM148
Description  QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM148 Datasheet(HTML) 2 Page - STMicroelectronics

  LM148 Datasheet HTML 1Page - STMicroelectronics LM148 Datasheet HTML 2Page - STMicroelectronics LM148 Datasheet HTML 3Page - STMicroelectronics LM148 Datasheet HTML 4Page - STMicroelectronics LM148 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LM148-LM248-LM348
2/5
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
LM148
LM248
LM348
Unit
VCC
Supply voltage
±22
V
Vi
Input Voltage 1)
1.
For supply voltage less than maximum value, the absolute maximum input voltage is equal to the supply voltage.
±22
V
Vid
Differential Input Voltage
±44
V
Output Short-circuit Duration 2)
2.
Any of the amplifier outputs can be shorted to ground indefinitly; however more than one should not be simultaneously shorted as the maximum
junction will be exceeded.
Infinite
Ptot
Power Dissipation
500
mW
Toper
Operating Free-air Temperature Range
-55 to +125
-40 to +105
0 to +70
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Non-inverting input
Inverting
input
Vcc+
350k
W
2.5k
W
Vcc+
36k
W
340
W
60
W
60k
W
Vcc-
25
W
7.4pF
Vcc+
Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com