Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM148 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM148
Description  QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM148 Datasheet(HTML) 3 Page - STMicroelectronics

  LM148 Datasheet HTML 1Page - STMicroelectronics LM148 Datasheet HTML 2Page - STMicroelectronics LM148 Datasheet HTML 3Page - STMicroelectronics LM148 Datasheet HTML 4Page - STMicroelectronics LM148 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM148-LM248-LM348
3/5
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
15
6
mV
Iio
Input Offset Current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
225
75
nA
Iib
Input Bias Current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
30
100
300
nA
Avd
Large Signal Voltage Gain (Vo = ±10V, RL = 2kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
50
25
160
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
77
77
100
dB
Icc
Supply Current, all Amp, no load
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
2.1
3.6
4.8
mA
Vicm
Input Common Mode Voltage Range
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
±12
±12
CMR
Common Mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
70
70
110
dB
Ios
Output Short-circuit Current
Tamb = 25°C
10
25
35
mA
±Vopp
Output Voltage Swing
Tamb = 25°C
RL ≤ 10kΩ
RL ≤ 2kΩ
Tmin ≤ Tamb ≤ Tmax
RL ≤ 10kΩ
RL ≤ 2kΩ
12
10
12
10
13
12
V
SR
Slew Rate (VI = ±10V, RL = 10kΩ, CL = 100pF, unity Gain)
0.25
0.5
V/
µs
tr
Rsie Time (VI = ±10V, RL = 10kΩ, CL = 100pF, unity Gain)
0.3
µs
KOV
Overshoot (VI = ±10V, RL = 10kΩ, CL = 100pF, unity Gain)
5%
RI
Input Resistance
0.8
2.5
M
Ω
GBP
Gain Bandwith Product (VI = 10 mV, RL = 10kΩ, CL = 100pF
f =100kHz)
0.7
1.3
MHz
THD
Total Harmonic Distortion (f = 1kHz, Av = 20dB, RL = 10kΩ
CL = 100pF, Vo = 2Vpp)
0.08
%
en
Equivalent Input Noise Voltage (f = 1kHz, Rs = 100Ω
40
Vo1/Vo2 Channel Separation
120
dB
nV
Hz
------------



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com