Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM219 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM219
Description  HIGH SPEED DUAL COMPARATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM219 Datasheet(HTML) 7 Page - STMicroelectronics

  LM219 Datasheet HTML 1Page - STMicroelectronics LM219 Datasheet HTML 2Page - STMicroelectronics LM219 Datasheet HTML 3Page - STMicroelectronics LM219 Datasheet HTML 4Page - STMicroelectronics LM219 Datasheet HTML 5Page - STMicroelectronics LM219 Datasheet HTML 6Page - STMicroelectronics LM219 Datasheet HTML 7Page - STMicroelectronics LM219 Datasheet HTML 8Page - STMicroelectronics LM219 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LM119-LM219-LM319
7/9
TYPICAL APPLICATION DIAGRAMS
RELAY DRIVER
WINDOW DETECTOR
+5V
1/2
LM119
Inputs
+28V
30V
1/2
LM119
V
V
V
UT
I
LT
1/2
LM119
VO
500
W
TTL output
VO = +5V for
<
<
VLT
V
V
UT
I
VO =0for
<
or
>
VLT
V
V
UT
I
VI



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com