Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM219 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM219
Description  HIGH SPEED DUAL COMPARATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM219 Datasheet(HTML) 2 Page - STMicroelectronics

  LM219 Datasheet HTML 1Page - STMicroelectronics LM219 Datasheet HTML 2Page - STMicroelectronics LM219 Datasheet HTML 3Page - STMicroelectronics LM219 Datasheet HTML 4Page - STMicroelectronics LM219 Datasheet HTML 5Page - STMicroelectronics LM219 Datasheet HTML 6Page - STMicroelectronics LM219 Datasheet HTML 7Page - STMicroelectronics LM219 Datasheet HTML 8Page - STMicroelectronics LM219 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM119-LM219-LM319
2/9
SCHEMATIC DIAGRAM (1/2 LM119)
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
Vo - VCC
-
Output to Negative Supply Voltage
36
V
VCC
-
Negative Supply Voltage
-25
V
VCC
+
Positive Supply Voltage
18
V
Vid
Differential Input Voltage
±5
V
Vi
Input Voltage - note 1)
1.
For supply voltage less than ±15V the absolute maximum input voltage is equal to the supply voltage.
±15
V
Output Short-circuit to Ground
Infinite
pd
Power Dissipation 2)
DIP14
SO14
2.
Pd is calculated with Tamb = +25°C, Tj = +150°C and Rthja = 80°C/W for DIP14 package
= 150°C/W for SO14 package
1500
830
mW
Tstg
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
5 to ±15
V
Toper
Operating Free-Air Temperature range
LM119
LM219
LM319
-55 to +125
-40 to +105
0 to +70
°C
-
+
R1
3.5k
R3
4k
R2
4k
Q4
R6
3k
R7
3k
Q8
VCC
+
V CC-
GND
Q3
Q7
Q6
Q2
Inverting
Input
Non-inverting
Input
Q1
Q6
R4
3k
R8
2k
R5
3k
Q9
R12
13k
R11
13k
c1
18 F
µ
R10
470k
Q15
Q10
Q13
R15
300
R9
18k
Output
To other half
Q22
Q21
R25
600
R24
250
R21
900
Q20
Q18
Q17
R17
3
R16
600
Q16
Q12
Q14
R13
600
R14
2k
Q11
Q19
R19
250
R22
60
R23
4k
R20
3.6k
R18
1.8k



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com