Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324PT Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM324PT
Description  Low power quad operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324PT Datasheet(HTML) 4 Page - STMicroelectronics

  LM324PT Datasheet HTML 1Page - STMicroelectronics LM324PT Datasheet HTML 2Page - STMicroelectronics LM324PT Datasheet HTML 3Page - STMicroelectronics LM324PT Datasheet HTML 4Page - STMicroelectronics LM324PT Datasheet HTML 5Page - STMicroelectronics LM324PT Datasheet HTML 6Page - STMicroelectronics LM324PT Datasheet HTML 7Page - STMicroelectronics LM324PT Datasheet HTML 8Page - STMicroelectronics LM324PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute maximum ratings
LM124-LM224-LM324
4/19
2
Absolute maximum ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
LM124
LM224
LM324
Unit
VCC
Supply voltage
±16 or 32
V
Vi
Input voltage
32
V
Vid
Differential input voltage (1)
1.
Either or both input voltages must not exceed the magnitude of VCC
+ or V
CC
-.
32
V
Ptot
Power dissipation
N suffix
D suffix
500
500
400
500
400
mW
Output short-circuit duration (2)
2.
Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output
current is approximately 40 mA independent of the magnitude of VCC. Destructive dissipation can result
from simultaneous short-circuits on all amplifiers.
Infinite
Iin
Input current (3)
3.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the
collector-base junction of the input PNP transistor becoming forward biased and thereby acting as input
diode clamps. In addition to this diode action, there is also NPN parasitic action on the IC chip. This
transistor action can cause the output voltages of the op-amps to go to the VCC voltage level (or to ground
for a large overdrive) for the time during which an input is driven negative.
This is not destructive and normal output is restored for input voltages above -0.3 V.
50
50
50
mA
Toper
Operating free-air temperature range
-55 to +125 -40 to +105 0 to +70
°C
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient(4)
SO14
TSSOP14
DIP14
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-
circuits on all amplifiers. These are typical values given for a single layer board (except for TSSOP, a two-
layer board).
103
100
83
°C/W
Rthjc
Thermal resistance junction to case
SO14
TSSOP14
DIP14
31
32
33
°C/W
ESD
HBM: human body model(5)
5.
Human body model, 100 pF discharged through a 1.5 k
Ω resistor into pin of device.
250
V
MM: machine model(6)
6.
Machine model ESD, a 200 pF cap is charged to the specified voltage, then discharged directly into the IC
with no external series resistor (internal resistor < 5
Ω), into pin-to-pin of device.
150
CDM: charged device model
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com