Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324PT Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM324PT
Description  Low power quad operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324PT Datasheet(HTML) 5 Page - STMicroelectronics

  LM324PT Datasheet HTML 1Page - STMicroelectronics LM324PT Datasheet HTML 2Page - STMicroelectronics LM324PT Datasheet HTML 3Page - STMicroelectronics LM324PT Datasheet HTML 4Page - STMicroelectronics LM324PT Datasheet HTML 5Page - STMicroelectronics LM324PT Datasheet HTML 6Page - STMicroelectronics LM324PT Datasheet HTML 7Page - STMicroelectronics LM324PT Datasheet HTML 8Page - STMicroelectronics LM324PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM124-LM224-LM324
Electrical characteristics
5/19
3
Electrical characteristics
Table 2.
VCC
+ = +5 V, V
CC
-= Ground, V
o = 1.4 V, Tamb = +25° C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Tamb = +25° C
LM124-LM224
LM324
25
7
mV
Tmin ≤ Tamb ≤ Tmax
LM124-LM224
LM324
7
9
Iio
Input offset current
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
230
100
nA
Iib
Input bias current (2)
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
20
150
300
nA
Avd
Large signal voltage gain
VCC
+ = +15 V, R
L = 2 kΩ, Vo = 1.4 V to 11.4 V
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
50
25
100
V/mV
SVR
Supply voltage rejection ratio (Rs ≤ 10 kΩ)
VCC
+ = 5 V to 30 V
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
65
65
110
dB
ICC
Supply current, all Amp, no load
Tamb = +25° C
VCC = +5 V
VCC = +30 V
0.7
1.5
1.2
3
mA
Tmin ≤ Tamb ≤ Tmax
VCC = +5 V
VCC = +30 V
0.8
1.5
1.2
3
Vicm
Input common mode voltage range
VCC = +30 V
(3)
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC -1.5
VCC -2
V
CMR
Common mode rejection ratio (Rs ≤ 10 kΩ)
Tamb = +25° C
Tmin ≤ Tamb ≤ Tmax
70
60
80
dB
Isource
Output current source (Vid = +1 V)
VCC = +15 V, Vo = +2 V
20
40
70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com