Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPC217 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPC217
Description  PHOTOCOUPLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPC217 Datasheet(HTML) 2 Page - Diodes Incorporated

  DPC217 Datasheet HTML 1Page - Diodes Incorporated DPC217 Datasheet HTML 2Page - Diodes Incorporated DPC217 Datasheet HTML 3Page - Diodes Incorporated DPC217 Datasheet HTML 4Page - Diodes Incorporated DPC217 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DPC217 SERIES
Document number: DS46314 Rev. 2 - 2
2 of 5
www.diodes.com
July 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
DPC217 SERIES
SerXXXXXX
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Input
Forward Current
IF
60
mA
Reverse Voltage
VR
6
V
Power Dissipation
P
100
mW
Peak Forward Current
(< 1µs Pulse Width, 300pps)
IFP
1
A
Output
Collector
– Emitter Voltage
VCEO
80
V
Emitter
– Collector Voltage
VECO
6
V
Collector Current
IC
50
mA
Collector Power Dissipation
PC
150
mW
Total Power Dissipation
Ptot
200
mW
Isolation Voltage
Viso
3750
VRMS
Operating Temperature
Topr
-55 to +110
°C
Storage Temperature
Tstg
-55 to +125
°C
Soldering Temperature
Tsol
+260
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Test Condition
Symbol
Min
Typ
Max
Unit
Input
Forward Voltage
IF = 20mA
VF
—
1.25
1.5
V
Reverse Current
VR = 4V
IR
—
—
10
µA
Terminal Capacitance
V = 0, f = 1kHz
Ct
—
30
—
pF
Output
Collector
– Emitter Current
VCE = 20V, IF = 0
ICEO
—
—
50
nA
Collector
– Emitter
Breakdown Voltage
IC = 0.1mA, IF = 0
BVCEO
80
—
—
V
Emitter
– Collector
Breakdown Voltage
IE = 0.1mA, IF = 0
BVECO
6
—
—
V
Transfer
Characteristics
Collector Current
IF = 5mA, VCE = 5V
IC
2.5
—
30
mA
Current Transfer Ratio
IF = 5mA, VCE = 5V
CTR
50
—
600
%
Collector
– Emitter Saturation
Voltage
IF = 20mA, IC = 1mA
VCE(sat)
—
0.1
0.2
V
Isolation Resistance
DC500V, 40% to 60% R.H
Riso
5 x 1010
1 x 1011
—
Ω
Floating Capacitance
V = 0, f = 1MHz
Cf
—
0.6
1
pF
Cutoff Frequency
VCE = 5V, IC = 2mA
RL = 100Ω, -3dB
fc
—
80
—
kHz
Response Time (Rise)
VCE = 2V, IC = 2mA
RL = 100Ω
tr
—
—
18
µs
Response Time (Fall)
tf
—
—
18
µs
Rank Table of Current Transfer Ratio (Note 6)
Characteristic
Test Condition
Symbol
Min
Max
Unit
CTR Rank
IF = 5mA, VCE = 5V
TA = +25°C
A
80
160
%
B
130
260
%
C
200
400
%
X
100
200
%
Y
150
300
%
Note:
6. CTR = IC / IF x 100%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com