Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPC217 Datasheet (PDF) - Diodes Incorporated

DPC217 Datasheet PDF - Diodes Incorporated
Part # DPC217
Download  DPC217 Download
File Size   709.72 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PHOTOCOUPLE

DPC217 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPC217 Datasheet PDF - Diodes Incorporated

Part # DPC217
Download  DPC217 Click to download

File Size   709.72 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PHOTOCOUPLE

DPC217 Datasheet (HTML) - Diodes Incorporated


DPC217 Product details

Features
• Current Transfer Ratio (CTR: min 50% at IF = 5mA, VCE = 5V)
• High Input-Output Isolation Voltage (Viso = 3750Vrms)
• Safety Approval Certification
▪ UL1577 (No. E536221)
▪ VDE EN IEC 60747-5-5 (No. 40058324)
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.

Mechanical Data
• Package: SSOP-4
• Package Material: Molded Plastic, “Green” Mold Compound.
UL Flammability Classification 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminals: Finish – Matte Tin-Plated Leads, Solderable per
MIL-STD-202, Method 208
• Polarity Indicator: Dot for Pin 1 Identification
• Weight: 0.05 grams (Approximate)




Similar Part No. - DPC217

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DPC20-1200 SUPERWORLD-DPC20-1200 Datasheet
112Kb / 1P
POWER TRANSFORMER
DPC20-45 SUPERWORLD-DPC20-45 Datasheet
112Kb / 1P
POWER TRANSFORMER
DPC20-500 SUPERWORLD-DPC20-500 Datasheet
112Kb / 1P
POWER TRANSFORMER
DPC20-60 SUPERWORLD-DPC20-60 Datasheet
112Kb / 1P
POWER TRANSFORMER
logo
National Semiconductor ...
DPC2020R NSC-DPC2020R Datasheet
501Kb / 10P
Thin-Film or MIG Head Read/Write Preamplifier
February 1994
More results


Similar Description - DPC217

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL354N-G EVERLIGHT-EL354N-G_16 Datasheet
787Kb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com