Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8019E Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8019E
Description  4W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS-AB HEADPHONE DRIVER WITH ADJUSTABLE DC VOLUME CONTROL, NON-CLIP POWER LIMIT AND SSM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019E Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8019E Datasheet HTML 1Page - Diodes Incorporated PAM8019E Datasheet HTML 2Page - Diodes Incorporated PAM8019E Datasheet HTML 3Page - Diodes Incorporated PAM8019E Datasheet HTML 4Page - Diodes Incorporated PAM8019E Datasheet HTML 5Page - Diodes Incorporated PAM8019E Datasheet HTML 6Page - Diodes Incorporated PAM8019E Datasheet HTML 7Page - Diodes Incorporated PAM8019E Datasheet HTML 8Page - Diodes Incorporated PAM8019E Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PAM8019E
Document number: DS46456 Rev. 1 - 2
2 of 22
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PAM8019E
Pin Descriptions
Pin Number
Name
I/O/P
Function
3
EN
I
Low: chip shutdown with outputs Hi-Z, High: outputs enabled
4
Bypass
O
Bias Voltage for Power Amplifier
5
RIN
I
Negative Input of Right Channel Power Amplifier
6
GND
—
Analog Ground Connection
18
PGND
—
Power Ground Connection
7
LIN
I
Negative Input of Left Channel Power Amplifier
8
Volume
I
Internal Gain Setting Input
Connect to GND which set Class D and HP as the max Gain.
9
Mute
I/O
Mute Control Signal Input (High: outputs Hi-Z, Low: outputs enabled). During startup, Mute pin
will set as high if speakers not good connect
10
HP/SPK
I
Output Mode Control Input
High: Headphone Mode, Low: Speaker Mode
11
PL
I
Power limit reference voltage, see applications section for further details
12
SSM
I
Low: SSM ON, High: SSM OFF
13
VDD
P
Analog Power Supply
16
LPVDD
P
Left Channel Power Supply
20
RPVDD
P
Right Channel Power Supply
14
HPLOUT
O
Headphone
— Left Channel Output
2
HPROUT
O
Headphone
— Right Channel Output
15
LOUTN
O
Power Amplifier
— Left Channel Negative Output
17
LOUTP
O
Power Amplifier
— Left Channel Positive Output
19
ROUTP
O
Power Amplifier
— Right Channel Negative Output
1
ROUTN
O
Power Amplifier
— Right Channel Positive Output
Thermal PAD
GND
—
Connect to Power Ground (recommended)
Functional Block Diagram
ROUTP
LIN
VCM
RIN
HPROUT
BANDGAP
START_LOGIC
PLIM_L
OTP
PL
EN
Volume
Bypass
HP/SPK
VDD
RPVDD
PGND
GND
PLIM_R
SPK_OPEN_CHK
VCM
VTR
Driver
Driver
+
–
–
+
PWM
PWM
+
–
–
+
INT
R
R
–
+
+
–
Pre-Amp
VCM
VCM
RIN
RF
AGC
RF
RIN
VCM
AGC
Short Protection
VCM
VTR
Driver
Driver
+
–
–
+
PWM
PWM
INT
R
R
–
+
+
–
Pre-Amp
VCM
RIN
RF
AGC
RF
LIN
VCM
AGC
VCM
+
–
–
+
ENABLE
Mode Con.
VOLUME
PLIM Con.
VOL Con.
BYP Con.
VCM
PLIM_R
PLIM_L
OSC
SSM
SSM
SSM Con.
Mute
Mute Con.
ROUTN
HPLOUT
LPVDD
LOUTP
LOUTN
RPVDD
VDD
RPVDD
VDD
LPVDD
VDD
LPVDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com