Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8019E Datasheet(PDF) 21 Page - Diodes Incorporated

Part # PAM8019E
Description  4W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS-AB HEADPHONE DRIVER WITH ADJUSTABLE DC VOLUME CONTROL, NON-CLIP POWER LIMIT AND SSM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019E Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button PAM8019E Datasheet HTML 14Page - Diodes Incorporated PAM8019E Datasheet HTML 15Page - Diodes Incorporated PAM8019E Datasheet HTML 16Page - Diodes Incorporated PAM8019E Datasheet HTML 17Page - Diodes Incorporated PAM8019E Datasheet HTML 18Page - Diodes Incorporated PAM8019E Datasheet HTML 19Page - Diodes Incorporated PAM8019E Datasheet HTML 20Page - Diodes Incorporated PAM8019E Datasheet HTML 21Page - Diodes Incorporated PAM8019E Datasheet HTML 22Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PAM8019E
Document number: DS46456 Rev. 1 - 2
21 of 22
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PAM8019E
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-QFN4040-20
Dimensions
Value
(in mm)
C
0.500
X
0.350
X1
0.600
X2
2.500
X3
4.300
Y
0.600
Y1
0.350
Y2
2.500
Y3
4.300
U-QFN3030-20
Dimensions Value (in mm)
C
0.400
X
0.250
X1
1.900
X2
3.300
Y
0.550
Y1
1.900
Y2
3.300
Mechanical Data
U-QFN4040-20
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
– NiPdAu, Solderable per J-STD-002, Test B1
•
Weight: 0.029 grams (Approximate)
U-QFN3030-20
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
– NiPdAu, Solderable per J-STD-002, Test B1
•
Weight: 0.016 grams (Approximate)
X
C
Y
X1
Y1
Y2
X2
1
Y3
X3
Y1
X1
Y2
X2
X
C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com