Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1NDFQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # US1NDFQ
Description  1.0A SURFACE-MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1NDFQ Datasheet(HTML) 2 Page - Diodes Incorporated

  US1NDFQ Datasheet HTML 1Page - Diodes Incorporated US1NDFQ Datasheet HTML 2Page - Diodes Incorporated US1NDFQ Datasheet HTML 3Page - Diodes Incorporated US1NDFQ Datasheet HTML 4Page - Diodes Incorporated US1NDFQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US1NDFQ
Document number: DS45965 Rev. 2 - 2
2 of 5
www.diodes.com
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
US1NDFQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
1200
V
RMS Reverse Voltage
VR(RMS)
840
V
Average Rectified Output Current
@TT = +25°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 6)
RJT
44
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 6)
RJA
80
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
1200
—
—
V
IR = 10µA
Forward Voltage
VF
—
—
—
1.3
1.4
1.5
1.7
1.9
2.0
V
IF = 0.5A, TJ = +25°C
IF = 0.8A, TJ = +25°C
IF = 1A, TJ = +25°C
Reverse Leakage Current
IR
—
—
0.5
10
5
100
µA
VR = 1200V, TJ = +25°C
VR = 1200V, TJ = +125°C
Reverse Recovery Time (Note 7)
tRR
—
70
80
ns
IF = 0.5A, IR = 1.0A, IRR = 0.25A
Total Capacitance (Note 8)
CT
—
5
pF
VR = 4V, f = 1MHz
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Device mounted on FR-4 substrate, 1" x 1", 2oz, single-sided, PC boards with 0.1" x 0.15" copper pads.
7. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See Figure 7.
8. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
9. Device mounted on FR-4 substrate, 0.4" x 0.5", 2oz, single-sided, PC boards with 0.2" x 0.25" copper pads.
Figure 1 Forward Current Derating
T , AMBIENT TEMPERATURE (°C)
A
0
0.20
0.40
0.60
0.80
1
1.20
25
50
75
100
125
150
Note 9
Note 8
0
0.01
0.1
1
10
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
V
F, INSTANTANEOUS FORWARD VOLTAGE (V)
-55℃
25℃
85℃
100℃
150℃
125℃
Figure 2. Typical Forward Characteristics
Note 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com