Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1NDFQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # US1NDFQ
Description  1.0A SURFACE-MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1NDFQ Datasheet(HTML) 3 Page - Diodes Incorporated

  US1NDFQ Datasheet HTML 1Page - Diodes Incorporated US1NDFQ Datasheet HTML 2Page - Diodes Incorporated US1NDFQ Datasheet HTML 3Page - Diodes Incorporated US1NDFQ Datasheet HTML 4Page - Diodes Incorporated US1NDFQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US1NDFQ
Document number: DS45965 Rev. 2 - 2
3 of 5
www.diodes.com
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
US1NDFQ
Notes:
10. Rise time = 7.0ns max. Input impedance = 1.0M
Ω, 22pF.
11. Rise time = 10ns max. Input impedance = 50
Ω.
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
0
200
400
600
800
1000
1200
VR, REVERSE VOLTAGE (V)
25℃
85℃
125℃
150℃
100℃
Figure 4. Typical Reverse Characteristics
-55℃
1
10
100
0
20
40
60
80
100
VR, REVERSE VOLTAGE (V)
f = 1MHz
Figure 5. Typical Total Capacitance
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Forward Surge Current Derating Curve
I
AVERAGE FORWARD CURRENT (A)
F(AV)
Figure 6 Forward Power Dissipation
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
1.2
T = 150°C
J
Note 8
Figure 7. Reverse Recovery Time Characteristic and Test Circuit
Figure 3. Forward Surge Current Derating Curve
Note 6
(Note 10)
(Note 11)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com