Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8362 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8362
Description  Integrated PAL and PAL/NTSC TV processors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8362 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8362 Datasheet HTML 9Page - NXP Semiconductors TDA8362 Datasheet HTML 10Page - NXP Semiconductors TDA8362 Datasheet HTML 11Page - NXP Semiconductors TDA8362 Datasheet HTML 12Page - NXP Semiconductors TDA8362 Datasheet HTML 13Page - NXP Semiconductors TDA8362 Datasheet HTML 14Page - NXP Semiconductors TDA8362 Datasheet HTML 15Page - NXP Semiconductors TDA8362 Datasheet HTML 16Page - NXP Semiconductors TDA8362 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
March 1994
13
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
IF AND TUNER AGC; NOTE 12
Timing of IF-AGC (C48 = 2.2
µF)
modulated video interference
30% AM for 1 to
100 mV; 0 to 200 Hz
−−
10
%
tinc
response time for an IF input signal
amplitude increase of 52 dB for
positive and negative modulation
−
2
−
ms
tdec
response time for an IF input signal
amplitude decrease of 52 dB
for negative modulation
−
25
−
ms
for positive modulation (TDA8362)
−
100
−
ms
Ileak
allowed leakage current of the AGC
capacitor
note 13
for negative modulation
−−
10
µA
for positive modulation
−−
200
nA
Tuner take-over adjustment (pin 49)
V49(rms)
minimum starting level voltage for
tuner take-over (RMS value)
−
0.2
0.5
mV
V49(rms)
maximum starting level voltage for
tuner take-over (RMS value)
100
150
−
mV
Vcr
control voltage range
0.5
−
4.5
V
Tuner control output (pin 47)
V47
maximum tuner AGC output voltage
maximum gain
−−
VP + 1
V
V47(sat)
output saturation voltage
minimum gain;
I47 =2 mA
−−
300
mV
I47
maximum tuner AGC output swing
5
−−
mA
Ileak
leakage current RF AGC
−−
1
µA
∆V47
input signal variation for complete
tuner control
IO(max) = 1 mA
1
2
4
dB
AFC OUTPUT; NOTE 14 (PIN 44)
V44
output voltage swing
−
6
−
V
fsl
AFC slope
−
33
−
mV/kHz
fos
AFC offset
note 7
−−
50
kHz
VO
output voltage at centre frequency
−
3.5
−
V
ZO
output impedance
−
50
−
k
Ω
SWITCHING TO POSITIVE MODULATION (TDA8362); NOTE 15 (PIN 1)
V1
minimum voltage on pin 1 to switch
the video demodulator and AGC to
positive modulation
−−
VP − 1V
II
input current
−−
1mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com