Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8362 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8362
Description  Integrated PAL and PAL/NTSC TV processors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8362 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8362 Datasheet HTML 14Page - NXP Semiconductors TDA8362 Datasheet HTML 15Page - NXP Semiconductors TDA8362 Datasheet HTML 16Page - NXP Semiconductors TDA8362 Datasheet HTML 17Page - NXP Semiconductors TDA8362 Datasheet HTML 18Page - NXP Semiconductors TDA8362 Datasheet HTML 19Page - NXP Semiconductors TDA8362 Datasheet HTML 20Page - NXP Semiconductors TDA8362 Datasheet HTML 21Page - NXP Semiconductors TDA8362 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
March 1994
18
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
SECOND CONTROL LOOP; NOTE 32 (CAPACITOR CONNECTED TO PIN 39)
∆ϕi/∆ϕo
control sensitivity
without RL on pin 39
−
150
−µs/µs
tcr
control range from start of horizontal
output to flyback
11
12
−µs
tshift
maximum horizontal shift range
note 7
±2
−−µs
∆ϕ
i/∆ϕo
shift control sensitivity
note 7
−
3
−µA/µs
V39
voltage to switch on the X-ray
protection
6
−−
V
II
input current during protection
−−
tbf
µA
HORIZONTAL OUTPUT (PIN 37)
VOL
LOW level output voltage
IO = 10 mA
−−
0.3
V
IO(max)
maximum allowed output current
10
−−
mA
VO(max)
maximum allowed output voltage
−−
VP
V
δ
df
duty factor
note 7
−
50
−
%
FLYBACK INPUT/SANDCASTLE OUTPUT (PIN 38)
I38
required input current during flyback
pulse
note 7
100
−
300
µA
VO
output voltage during burst key
4.8
5.3
5.8
V
VO
output voltage during blanking
1.8
2.0
2.2
V
VIcl
clamped input voltage during flyback
2.6
3.0
3.4
V
tW
burst key pulse width
3.3
3.5
3.7
µs
tW
vertical blanking pulse width
note 33
−
14
−
lines
td
delay of start of burst key to start
of sync
5.2
5.4
5.6
µs
VERTICAL SECTION; NOTE 34
ffr
free running frequency
−
50/60
−
Hz
flock
locking range
45
−
64.5
Hz
divider value not locked
−
625/525
−
locking range (lines/frame)
488
−
722
VERTICAL RAMP GENERATOR (PIN 42)
I42
input current during scan
note 7
−−
2
µA
Idis
discharge current during retrace
−
0.3
−
mA
Vsaw(p-p)
sawtooth amplitude
(peak-to-peak value)
in 50 Hz mode
−
1.5
1.8
V
td
delay from field-to-field
−−
1.6
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com