Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1014 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC1014
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1014 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC1014 Datasheet HTML 10Page - Microchip Technology TC1014 Datasheet HTML 11Page - Microchip Technology TC1014 Datasheet HTML 12Page - Microchip Technology TC1014 Datasheet HTML 13Page - Microchip Technology TC1014 Datasheet HTML 14Page - Microchip Technology TC1014 Datasheet HTML 15Page - Microchip Technology TC1014 Datasheet HTML 16Page - Microchip Technology TC1014 Datasheet HTML 17Page - Microchip Technology TC1014 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TC1014/TC1015/TC1185
DS21335E-page 14
© 2007 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
6.2
Taping Form
&
represents part number code + temperature
range and voltage
represents year and 2-month period code
represents lot ID number
14
23
TABLE 6-1:
PART NUMBER CODE AND
TEMPERATURE RANGE
(V)
TC1014
Code
TC1015
Code
TC1185
Code
1.8
AY
BY
NY
2.5
A1
B1
N1
2.6
NB
BT
NT
2.7
A2
B2
N2
2.8
AZ
BZ
NZ
2.85
A8
B8
N8
3.0
A3
B3
N3
3.3
A5
B5
N5
3.6
A9
B9
N9
4.0
A0
B0
N0
5.0
A7
B7
N7
W, Width of
Carrier Tape
User Direction of Feed
P,Pitch
Standard Reel Component
Orientation
Reverse Reel Component
Orientation
PIN 1
Device
Marking
PIN 1
Carrier Tape, Number of Components per Reel and Reel Size
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
5-Pin SOT-23
8 mm
4 mm
3000
7 in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com