Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1014 Datasheet(PDF) 19 Page - Microchip Technology

Part # TC1014
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1014 Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC1014 Datasheet HTML 14Page - Microchip Technology TC1014 Datasheet HTML 15Page - Microchip Technology TC1014 Datasheet HTML 16Page - Microchip Technology TC1014 Datasheet HTML 17Page - Microchip Technology TC1014 Datasheet HTML 18Page - Microchip Technology TC1014 Datasheet HTML 19Page - Microchip Technology TC1014 Datasheet HTML 20Page - Microchip Technology TC1014 Datasheet HTML 21Page - Microchip Technology TC1014 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21335E-page 19
TC1014/TC1015/TC1185
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1014:
50 mA LDO with Shutdown and VREF Bypass
TC1015:
100 mA LDO with Shutdown and VREF Bypass
TC1185:
150 mA LDO with Shutdown and VREF Bypass
Output Voltage:
1.8 = 1.8V
2.5 = 2.5V
2.6 = 2.6V
2.7 = 2.7V
2.8 = 2.8V
2.85 = 2.85V
3.0 = 3.0V
3.3 = 3.3V
3.6 = 3.6V
4.0 = 4.0V
5.0 = 5.0V
Temperature Range:
V
= -40° C to +125° C
Package:
CT713 = Plastic Small Outline Transistor (SOT-23),
5-lead, Tape and Reel
PART NO.
-X.X
X
Temperature
Output
Voltage
Device
Examples:
a) TC1014-1.8VCT713:
1.8V, 5LD SOT-23,
Tape and Reel.
b) TC1014-2.85VCT713: 2.85V, 5LD SOT-23,
Tape and Reel.
c) TC1014-3.3VCT713: 3.3V, 5LD SOT-23,
Tape and Reel.
a) TC1015-1.8VCT713:
1.8V, 5LD SOT-23,
Tape and Reel.
b) TC1015-2.85VCT713: 2.85V, 5LD SOT-23,
Tape and Reel.
c) TC1015-3.0VCT713:
3.0V, 5LD SOT-23,
Tape and Reel.
a) TC1185-1.8VCT713:
1.8V, 5LD SOT-23,
Tape and Reel.
b) TC1185-2.8VCT713:
2.8V, 5LD SOT-23,
Tape and Reel.
Range
XXXXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com