Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8376 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 14Page - NXP Semiconductors TDA8376 Datasheet HTML 15Page - NXP Semiconductors TDA8376 Datasheet HTML 16Page - NXP Semiconductors TDA8376 Datasheet HTML 17Page - NXP Semiconductors TDA8376 Datasheet HTML 18Page - NXP Semiconductors TDA8376 Datasheet HTML 19Page - NXP Semiconductors TDA8376 Datasheet HTML 20Page - NXP Semiconductors TDA8376 Datasheet HTML 21Page - NXP Semiconductors TDA8376 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1996 Jan 26
18
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
12 CHARACTERISTICS
VP =8V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
MAIN SUPPLY (PIN 8)
VP1
supply voltage
7.2
8.0
8.8
V
IP1
supply current
−
75
−
mA
Ptot
total power dissipation
−
650
−
W
HORIZONTAL OSCILLATOR SUPPLY (PIN 37)
VP2
supply voltage
7.2
8.0
8.8
V
IP2
supply current
−
6
−
mA
CVBS and S-VHS input switch
INTERNAL AND EXTERNAL CVBS INPUTS (PINS 9 AND 13)
V9(p-p)
CVBS input voltage
(peak-to-peak value)
note 1
−
1.0
1.4
V
I9
CVBS input current
−
4
−µA
SSCVBS
suppression of non-selected CVBS
input signal
notes 2 and 3
50
−−
dB
S-VHS INPUT (PINS 6 AND 7)
V7(p-p)
luminance input voltage
(peak-to-peak value)
−
1.0
1.4
V
I7(p-p)
luminance input current
−
4
−µA
V6(p-p)
chrominance input voltage
(burst amplitude)
(peak-to-peak value)
note 4
−
0.3
0.45
V
Zi
chrominance input impedance
−
50
−
k
Ω
TXT AND PIP OUTPUT SIGNALS (PINS 38 AND 11)
Vo(p-p)
output signal voltage amplitude
(peak-to-peak value)
−
1.0
−
V
Zo
output impedance
−−
250
Ω
VTS
top sync voltage level
−
tbf
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com