Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8376 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 22Page - NXP Semiconductors TDA8376 Datasheet HTML 23Page - NXP Semiconductors TDA8376 Datasheet HTML 24Page - NXP Semiconductors TDA8376 Datasheet HTML 25Page - NXP Semiconductors TDA8376 Datasheet HTML 26Page - NXP Semiconductors TDA8376 Datasheet HTML 27Page - NXP Semiconductors TDA8376 Datasheet HTML 28Page - NXP Semiconductors TDA8376 Datasheet HTML 29Page - NXP Semiconductors TDA8376 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
1996 Jan 26
26
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
REFERENCE SIGNAL OUTPUT FOR TDA8395 (PIN 36); note 22
fref
reference frequency
−
4.43
−
MHz
V36(p-p)
output voltage amplitude
(peak-to-peak value)
0.2
0.25
0.3
V
Vo
output voltage level
PAL/NTSC identified
−
1.5
−
V
no PAL/NTSC identified;
SECAM (by TDA8395)
identified
−
5.0
−
V
I36
required current to stop PAL/NTSC
identification circuit during SECAM
150
−−
µA
Control part
SATURATION CONTROL; note 6
SATCR
saturation control range
63 steps; see Fig.7
52
−−
dB
CONTRAST CONTROL; note 6
CONCR
contrast control range
63 steps
−
20
−
dB
tracking between the three channels
over a control range of 10 dB
see Fig.8
−−
0.5
dB
BRIGHTNESS CONTROL
BRICR
brightness control range
63 steps; see Fig.9
−±0.7
−
V
RGB OUTPUT SIGNALS (PINS 19, 20 AND 21)
V19,20,21(p-p)
output voltage amplitude
(peak-to-peak value)
at nominal luminance input
signal, nominal contrast
and white-point
adjustment; note 6
tbf
2.0
tbf
V
at maximum white point
setting
−
3.0
−
V
VBWmax(p-p)
maximum voltage amplitude
(black-to-white)
note 23
−
2.6
−
V
at maximum white point
setting
−
3.6
−
V
VRED(p-p)
output voltage amplitude for the ‘red’
channel (peak-to-peak value)
at nominal settings for
contrast and saturation
control and no luminance
signal to the input (R
−Y,
PAL)
tbf
2.1
tbf
V
Vblank
blanking level at the RGB outputs
0.7
0.8
0.9
V
Ibias
internal bias current of NPN emitter
follower output transistor
−
1.5
−
mA
Io
available output current
−
5
−
mA
Zo
output impedance
−
150
−Ω
CRbl
control range of the black-current
stabilization
nominal brightness and
white-point adjustment (with
respect to the measuring
pulse); Vblk = 2.5 V
−−
±1V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com