Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 48Page - Advanced Micro Devices AM79C940 Datasheet HTML 49Page - Advanced Micro Devices AM79C940 Datasheet HTML 50Page - Advanced Micro Devices AM79C940 Datasheet HTML 51Page - Advanced Micro Devices AM79C940 Datasheet HTML 52Page - Advanced Micro Devices AM79C940 Datasheet HTML 53Page - Advanced Micro Devices AM79C940 Datasheet HTML 54Page - Advanced Micro Devices AM79C940 Datasheet HTML 55Page - Advanced Micro Devices AM79C940 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 144 page
background image
52
Am79C940
mit FIFO will not be overwritten until at least 64 bytes
(512 bits) of data have been successfully transmitted
onto the network. This criteria will be met, regardless of
whether the transmit frame was the first (or only) frame
in the Transmit FIFO, or if the transmit frame was
queued pending completion of the preceding frame.
(b) If 16 total attempts (initial attempt plus 15 retries)
have been made to transmit the frame, the MACE
device will abandon the transmit process for the partic-
ular frame, de-assert the TDTREQ pin, report a Retry
Error (RTRY) in the Transmit Frame Status, and set the
XMTINT bit in the Interrupt Register, causing activation
of the external INTR pin providing the interrupt is
unmasked.
Once the XMTINT condition has been externally recog-
nized, the Transmit Frame Counter (XMTFC) can be
read to determine whether the tail end of the frame that
suffers the RTRY error is still in the host memory (i.e.,
when XMTFC = 0). This XMTFC read should be
requested before the Transmit Frame Status read
since reading the XMTFS would cause the XMTFC to
decrement. If the tail end of the frame is indeed still in
the host memory, the host is responsible for ensuring
that the tail end of the frame does not get written into
the FIFO and does not get transmitted as a whole
frame. It is recommended that the host clear the tail
end of the frame from the host memory before request-
ing the XMTFS read so that after the XMTFS read,
when MACE device re-asserts TDTREQ, the tail end of
the frame does not get written into the FIFO. The
Transmit Frame Status read will indicate that the RTRY
error occurred. The read operation on the Transmit
Frame Status will update the FIFO read and write
pointers. If no End-of-Frame write (EOF pin assertion)
had occurred during the FIFO write sequence, the en-
tire transmit path will be reset (which will update the
Transmit FIFO watermark with the current XMTFW
value in the FIFO Configuration Control register). If a
whole frame does reside in the FIFO, the read pointer
will be moved to the start of the next frame or free loca-
tion in the FIFO, and the write pointer will be unaf-
fected. TDTREQ will not be re-asserted until the
Transmit Frame Status has been read.
After a RTRY error, all further packet transmission will
be suspended until the Transmit Frame Status is read,
regardless of whether additional packet data exists in
the FIFO to be transmitted. Receive FIFO read opera-
tions are not impaired.
Packets experiencing 16 unsuccessful attempt to
transmit will not be re-tried. Recovery from this condi-
tion must be performed by upper layer software.
Abnormal network conditions include:
(a)
Loss of carrier.
(b)
Late collision.
(c)
SQE Test Error.
These should not occur on a correctly configured 802.3
network, but will be reported if the network has been
incorrectly configured or a fault condition exists.
(a) A loss of carrier condition will be reported if the
MACE device cannot observe receive activity while it is
transmitting. After the MACE device initiates a trans-
mission it will expect to see data looped-back on the
receive input path. This will internally generate a carrier
sense, indicating that the integrity of the data path to
and from the external MAU is intact, and that the MAU
is operating correctly.
When the AUI port is selected, if carrier sense does not
become active in response to the data transmission, or
becomes inactive before the end of transmission, the
loss of carrier (LCAR) error bit will be set in the Trans-
mit Frame Status (bit 7) after the packet has been
transmitted. The packet will not be re-tried on the basis
of an LCAR error.
When the 10BASE–T port is selected, LCAR will be
reported for every packet transmitted during the Link
fail condition.
When the GPSI port is selected, LCAR will be reported
if the RXCRS input pin fails to become active during a
transmission, or once active, goes inactive before the
end of transmission.
When the DAI port is selected, LCAR errors will not
occur, since the MACE device will internally loop back
the transmit data path to the receiver. The loop back
feature must not be performed by the external trans-
ceiver when the DAI port is used.
During internal loopback, LCAR will not be set, since
the MACE device has direct control of the transmit and
receive path integrity. When in external loopback,
LCAR will operate normally according to the specific
port which has been selected.
(b) A late collision will be reported if a collision condition
exists or commences 64 byte times (512 bit times) after
the transmit process was initiated (first bit of preamble
commenced). The MACE device will abandon the
transmit process for the particular frame, complete
transmission of the jam sequence (32-bit all zeroes
pattern), de-assert the TDTREQ pin, report the Late
Collision (LCOL) and Transmit Status Valid (XMTSV) in
the Transmit Frame Status, and set the XMTINT bit in
the Interrupt Register, causing activation of the external
INTR pin providing the interrupt is unmasked.
Once the XMTINT condition has been externally recog-
nized, the Transmit Frame Counter (XMTFC) can be
read to determine whether the tail end of the frame that
suffers the LCOL error is still in the host memory (i.e.,
when XMTFC = 0). This XMTFC read should be
requested before the Transmit Frame Status read
since reading the XMTFS would cause the XMTFC to
decrement. If the tail end of the frame is indeed still in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com