Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 12Page - Advanced Micro Devices AM79C940 Datasheet HTML 13Page - Advanced Micro Devices AM79C940 Datasheet HTML 14Page - Advanced Micro Devices AM79C940 Datasheet HTML 15Page - Advanced Micro Devices AM79C940 Datasheet HTML 16Page - Advanced Micro Devices AM79C940 Datasheet HTML 17Page - Advanced Micro Devices AM79C940 Datasheet HTML 18Page - Advanced Micro Devices AM79C940 Datasheet HTML 19Page - Advanced Micro Devices AM79C940 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
16
Am79C940
PIN/PACKAGE SUMMARY (TQFP) (continued)
TQFP #
Pin Name
Pin Function
TQFP
Pin Number
Pin Name
Pin Function
1
SRDCLK
Serial Receive Data Clock
41
R/W
Read/Write
2
EAM/R
External Address Match/Reject
42
CS
Chip/Select
3
SF/BD
Start Frame/Byte Delimiter
43
LNKST
Link Status
4
RESET
Reset
44
TDO
Test Data Out
5SLEEP
Sleep Mode
45
TMS
Test Mode Select
6
DVDD
Digital Power
46
TCK
Text Clock
7INTR
Interrupt
47
DVSS
Digital Ground
8TC
Timing Control
48
TDI
Test Data Input
9
DBUS0
Data Bus0
49
DVDD
Digital Power
10
DVSS
Digital Ground
50
RXD–
Receive Data–
11
DBUS1
Data Bus1
51
RXD+
Receive Data+
12
DBUS2
Data Bus2
52
AVDD
Analog Power
13
DBUS3
Data Bus3
53
TXP–
Transmit Pre-distortion–
14
DBUS4
Data Bus4
54
TXD–
Transmit Data–
15
DVSS
Digital Ground
55
TXP+
Transmit Pre-distortion+
16
DBUS5
Data Bus5
56
TXD+
Transmit Data+
17
DBUS6
Data Bus6
57
AVDD
Analog Power
18
DBUS7
Data Bus7
58
XTAL1
Crystal Output
19
DBUS8
Data Bus8
59
AVSS
Analog Ground
20
DBUS9
Data Bus9
60
XTAL2
Crystal Output
21
DBUS10
Data Bus10
61
AVSS
Analog Ground
22
DBUS11
Data Bus11
62
DO–
Data Out–
23
DBUS12
Data Bus12
63
DO+
Data Out+
24
DBUS13
Data Bus13
64
AVDD
Analog Power
25
DVDD
Digital Power
65
DI–
Data In–
26
DBUS14
Data Bus14
66
DI+
Data Out+
27
DBUS15
Data Bus15
67
CI–
Control In–
28
DVSS
Digital Ground
68
CI+
Control In+
29
EOF
End of Frame
69
AVDD
Analog Power
30
FDS
FIFO Data Strobe
70
DVDD
Digital Power
31
BE0
Byte Enable0
71
DXCVR
Disable Transceiver
32
BE1
Byte Enable1
72
EDSEL
Edge Select
33
SCLK
System Clock
73
DVSS
Digital Ground
34
TDTREQ
Transmit Data Transfer Request
74
TXDAT+
Transmit Data+
35
RDTREQ
Receive Data Transfer Request
75
DVSS
Digital Ground
36
ADD0
Address0
76
STDCLK
Serial Transmit Data Clock
37
ADD1
Address1
77
TXEN/TXEN
Transmit Enable
38
ADD2
Address2
78
CLSN
Collision
39
ADD3
Address3
79
RXDAT
Receive Data
40
ADD4
Address4
80
RXCRS
Receive Carrier Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com