Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856331 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 856331
Description  836.5/881.5 MHz SAW Duplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

856331 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  856331 Datasheet HTML 1Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 2Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 3Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 4Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 5Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
Part Number 856331
836.5/881.5 MHz SAW Duplexer
Test Circuits
50
Ω
Single-ended
1,2,3,4,6
7,9,10,12
85
11
ANT
50Ω
Ω
50
50
Ω
No impedance matching
required
50
Ω
Single-ended
1,2,3,4,6
7,9,10,12
85
11
ANT
50Ω
Ω
50
50
Ω
No impedance matching
required
Marking
PCB Footprint
ID dot
Sawtek
logo
Date code
JJJYM
W
code
Marking
1.11
4.01
0.65
0.14
0.80
1.60
0.15x45°
CHAMFER
The date code consists of: JJJ = Julian day,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
Ø1.5
2.0
0.3
8.0
4.0
4.1
4.1
1.8
1.75
5.5
12.0
Ø1.5
A
A
Section A-A
Direction of travel
Ø102
Ø13.0
Ø20.2
Ø330
2.7
12.8
2.0
logo
Sawtek
ID dot
Dimensions shown are nominal in millimeters
Packaging quantity: 4000 units/reel
Subject to change or obsolescence without notice
Rev E
12-Sep-2005
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com