Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856331 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 856331
Description  836.5/881.5 MHz SAW Duplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

856331 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  856331 Datasheet HTML 1Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 2Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 3Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 4Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 5Page - List of Unclassifed Manufacturers 856331 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
Part Number 856331
836.5/881.5 MHz SAW Duplexer
Features
• For AMPS, CDMA and TDMA applications
• Usable bandwidth 25 MHz (each band)
• High Tx-Rx isolation
• Low insertion loss
• High attenuation
• Single-ended operation
• No matching required for operation at 50Ω
• Ceramic Surface Mount Package (SMP)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
•
Package
Pin Configuration
Surface Mount 3.80 x 3.80 x 1.47 mm
Bottom View
12
10
11
9
4
5
6
7
8
1
3
2
Pin No.
Description
5
Tx
8
Antenna
11
Rx
1,2,3,4,6
Case ground
7,9,10,12
Case ground
0.15x45°
CHAMFER
0.90
0.41 SQ.
0.45
3.80
0.60
1.47 NOM.
1.65 MAX.
0.80
1.60
3.80
0.86
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Pb
Subject to change or obsolescence without notice
Rev E
12-Sep-2005
Page 1 of 6


Similar Part No. - 856331

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856330 TRIQUINT-856330_15 Datasheet
517Kb / 5P
1086 MHz SAW Filter
856338 TRIQUINT-856338_15 Datasheet
554Kb / 5P
970 MHz SAW Filter
856339 TRIQUINT-856339_15 Datasheet
577Kb / 5P
970 MHz SAW Filter
More results

Similar Description - 856331

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SPD014A SIPAT-SPD014A Datasheet
819Kb / 9P
SAW Duplexer 836.5/881.5MHz
logo
RF Monolithics, Inc
SF1207D RFM-SF1207D Datasheet
796Kb / 7P
836.5/881.5 MHz SAW Duplexer
logo
Murata Manufacturing Co...
SF1207D MURATA-SF1207D Datasheet
796Kb / 7P
836.5/881.5 MHz SAW Duplexer
logo
TriQuint Semiconductor
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
836.5/881.5 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TF0123AN TAI-SAW-TF0123AN Datasheet
336Kb / 12P
SAW DPX 836.5/881.5 MHz LTE Band 5 SMD 1814 (25 MHz BW)
TF0123D TAI-SAW-TF0123D Datasheet
481Kb / 15P
SAW DPX 836.5/881.5 MHz Band 5 SMD 1.8X1.4 mm (BW=25 MHz)
TF0129D TAI-SAW-TF0129D Datasheet
460Kb / 14P
SAW DPX 836.5/881.5 MHz Band 5 SMD 1.8X1.4 mm (BW=25 MHz)
TF0129DA TAI-SAW-TF0129DA Datasheet
694Kb / 14P
SAW DPX 836.5/881.5 MHz Band 5 SMD 1.8X1.4 mm (BW=25 MHz)
TF0123B TAI-SAW-TF0123B Datasheet
467Kb / 13P
SAW DPX 836.5/881.5 MHz LTE Band 5 SMD 1814
TF0129B TAI-SAW-TF0129B Datasheet
512Kb / 14P
SAW DPX 836.5/881.5 MHz Band 5 SMD 1.8X1.4 mm (BW=25 MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com