Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 8Page - STMicroelectronics ST8024 Datasheet HTML 9Page - STMicroelectronics ST8024 Datasheet HTML 10Page - STMicroelectronics ST8024 Datasheet HTML 11Page - STMicroelectronics ST8024 Datasheet HTML 12Page - STMicroelectronics ST8024 Datasheet HTML 13Page - STMicroelectronics ST8024 Datasheet HTML 14Page - STMicroelectronics ST8024 Datasheet HTML 15Page - STMicroelectronics ST8024 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Electrical characteristics
ST8024
12/30
Table 15.
Control inputs (PINS CLKDIV1, CLKDIV2, CMDVCC, RSTIN AND 5V/3V
(VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted. Typical values are to TA =
25°C) (
Note 5)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input voltage LOW
-0.3
0.3VDD
V
VIH
Input voltage HIGH
0.7VDD
VDD
V
|ILIH|
Input leakage current HIGH
VIH = VDD
1µA
|ILIL|
Input leakage current LOW
VIL = 0
1
µA
Table 16.
Card presence inputs (PINS PRES AND PRES)
(VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted. Typical values are to Ta =
25°C) (
Note 6)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Voltage LOW
-0.3
0.3 VDD
V
VIH
Input Voltage HIGH
0.7 VDD
VDD+0.3
V
|ILIH|
Input Leakage Current
HIGH
VIH = VDD
5µA
|ILIL|
Input Leakage Current LOW VIL = 0
5
µA
Table 17.
Interrupt Output (PIN OFF NMOS Drain With Integrated 20 k
Ω PULL-UP Resistor To
VDD); (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted. Typical values are to
Ta = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOL
Low Level Output Voltage
IOL = 2 mA
0
0.3
V
VOH
High Level Output Voltage
IOH = -15 µA
0.75 VDD
V
RPU
Integrated pull-up resistor
20k
Ω Pull-up resistor to VDD
16
20
24
k
Ω
Table 18.
Protection And Limitation (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise
noted. Typical values are to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
|ICC(SD)|
Shutdown and limitation current pin
VCC
90
120
mA
II/O(lim)
limitation current pins I/O, AUX1
and AUX2
-15
15
mA
ICLK(lim) limitation current pin CLK
-70
70
mA
IRST(lim) limitation current pin RST
-20
20
mA
TSD
Shut down temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com