Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 9Page - STMicroelectronics ST8024 Datasheet HTML 10Page - STMicroelectronics ST8024 Datasheet HTML 11Page - STMicroelectronics ST8024 Datasheet HTML 12Page - STMicroelectronics ST8024 Datasheet HTML 13Page - STMicroelectronics ST8024 Datasheet HTML 14Page - STMicroelectronics ST8024 Datasheet HTML 15Page - STMicroelectronics ST8024 Datasheet HTML 16Page - STMicroelectronics ST8024 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ST8024
Electrical characteristics
13/30
Note:
1
All parameters remain within limits but are tested only statistically for the temperature
range. When a parameter is specified as a function of VDD or VCC it means their actual value
at the moment of measurement.
2
To meet these specifications, pin VCC should be decoupled to CGND using two ceramic
multilayer capacitors of low ESR both with values of 100 nF and 100 nF (see Figure 10.).
3
Permitted capacitor values are 100 + 100 nF, or 220 nF.
4
Transition time and duty factor definitions are shown in Figure 3.;
δ = t1/(t1+ t2).
5
Pin CMDVCC is active LOW; pin RSTIN is active HIGH; for CLKDIV1 and CLKDIV2
functions see Table 19.
6Pin PRES is active LOW; pin PRES is active HIGH see Figure 8. and Figure 9.; PRES has
an integrated 1.25 µA current source to GND. (PRES to VDD); the card is considered
present if at least one of the inputs PRES or PRES is active.
Figure 3.
Definition of output and input transition times
Table 19.
Timing (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted. Typical values are
to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tACT
Activation time
(See
Figure 5.)180
220
µs
tDE
Deactivation time
(See
Figure 7.)60
80
100
µs
t3
Start of the windows for sending
CLK to card
(See
Figure 6.)130
µs
t5
End of the windows for sending
CLK to card
(See
Figure 6.)140
µs
tdebounce
Debounce time pins PRES and
PRES
(See
Figure 8.)140
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com