Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS613 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS613
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS613 Datasheet(HTML) 2 Page - STMicroelectronics

  TS613_02 Datasheet HTML 1Page - STMicroelectronics TS613_02 Datasheet HTML 2Page - STMicroelectronics TS613_02 Datasheet HTML 3Page - STMicroelectronics TS613_02 Datasheet HTML 4Page - STMicroelectronics TS613_02 Datasheet HTML 5Page - STMicroelectronics TS613_02 Datasheet HTML 6Page - STMicroelectronics TS613_02 Datasheet HTML 7Page - STMicroelectronics TS613_02 Datasheet HTML 8Page - STMicroelectronics TS613_02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS613
2/10
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1)
±7
V
Vid
Differential Input Voltage 2)
±2
V
Vin
Input Voltage Range 3)
±6
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstd
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Output Short Circuit Duration
4)
SO8
Rthjc
Thermal Resistance Junction to Case
28
°C/W
Rthja
Thermal Resistance Junction to Ambient Area
175
°C/W
Pmax.
Maximum Power Dissipation (@25°C)
715
mW
SO8 Exposed-Pad
Rthjc
Thermal Resistance Junction to Case
16
°C/W
Rthja
Thermal Resistance Junction to Ambient Area
60
°C/W
Pmax.
Maximum Power Dissipation (@25°C)
2000
mW
1. All voltages values, except differential voltage are with respect to network terminal.
2. Differential voltages are non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of input and output voltages must never exceed VCC +0.3V.
4. An output current limitation protects the circuit from transient currents. Short-circuits can cause excessive heating.
Destructive dissipation can result from short circuit on amplifiers.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±2.5 to ±6
V
Vicm
Common Mode Input Voltage
(VCC) +2 to (VCC
+) -1
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com