Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS613 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS613
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS613 Datasheet(HTML) 4 Page - STMicroelectronics

  TS613_02 Datasheet HTML 1Page - STMicroelectronics TS613_02 Datasheet HTML 2Page - STMicroelectronics TS613_02 Datasheet HTML 3Page - STMicroelectronics TS613_02 Datasheet HTML 4Page - STMicroelectronics TS613_02 Datasheet HTML 5Page - STMicroelectronics TS613_02 Datasheet HTML 6Page - STMicroelectronics TS613_02 Datasheet HTML 7Page - STMicroelectronics TS613_02 Datasheet HTML 8Page - STMicroelectronics TS613_02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TS613
4/10
THERMAL INFORMATION
The TS613 is housed in an Exposed-Pad plastic
package. As described on the figures below, this
package uses a leadframe upon which the dice is
mounted. This leadframe is exposed as a thermal
pad on the underside of the package. The thermal
contact is direct with the dice. This thermal path
provide an excellent thermal performance.
The thermal pad is electrically isolated from all
pins in the package. It can also be soldered to a
copper area of the PCB underneath the package.
Through these thermal paths within this copper ar-
ea, heat can be conducted away from the pack-
age. In this case, the copper area must be con-
nected to (-Vcc)
INTERMODULATION DISTORTION
The curves shown below are the measurements
results of a single operator wired as an adder with
a gain of 15dB.
The operational amplifier is supplied by a symmet-
ric
±6V and is loaded with 25Ω.
Two synthesizers (Rhode & Schwartz SME) gen-
erate two frequencies (tones) (70 & 80kHz ; 180 &
280kHz).
An HP3585 spectrum analyzer measures the spu-
rious level at different frequencies.
The curves are traced for different output levels
(the value in the X ax is the value of each tone).
The output levels of the two tones are the same.
The generators and spectrum analyzer are phase
locked to enhance measurement precision.
3rd ORDER INTERMODULATION
Gain=15dB, Vcc=
±6V, RL=25
Ω, 2 tones 70kHz/
80kHz
2nd ORDER INTERMODULATION
Gain=15dB, Vcc=
±6V, RL=25
Ω, 2 tones 180kHz/
280kHz, Spurious measurement @100kHz
3rd ORDER INTERMODULATION
Gain=15dB, Vcc=
±6V, RL=25
Ω, 2 tones 180kHz/
280kHz
Cross Section View
DICE
Bottom View
Side View
1
1,5
2
2,5
3
3,5
4
4,5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vout peak (V)
230kHz
220kHz
90kHz
60kHz
Vout peak (V)
1,5
2
2,5
3
3,5
4
4,5
-70
-65
-60
-55
1
1,522,533,5
4
4,5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vout peak (V)
80kHz
640kHz
380kHz
740kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com