Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3500MPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3500MPBF
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500MPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3500MPBF Datasheet HTML 17Page - International Rectifier IR3500MPBF Datasheet HTML 18Page - International Rectifier IR3500MPBF Datasheet HTML 19Page - International Rectifier IR3500MPBF Datasheet HTML 20Page - International Rectifier IR3500MPBF Datasheet HTML 21Page - International Rectifier IR3500MPBF Datasheet HTML 22Page - International Rectifier IR3500MPBF Datasheet HTML 23Page - International Rectifier IR3500MPBF Datasheet HTML 24Page - International Rectifier IR3500MPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
IR3500
Page 21 of 47
June 12, 2007
START DELAY (TD1)
VCC
ENABLE
1.4V
VOUT
VRRDY
3.92V
SS/DEL
(12V)
NORMAL OPERATION
VDAC
4.0V
VID
SOFT START
TIME (TD2)
VRRDY DELAY
TIME (TD3)
EAOUT
Figure 12 - Start-up sequence of converter without boot voltage
Constant Over-Current Control during Soft Start
The over current limit threshold is set by a resistor connected between OCSET and VDAC. If the IIN pin voltage,
which is proportional to the average current plus VDAC voltage, exceeds the OCSET voltage during soft start, the
constant over-current control is activated. Figure 13 shows the constant over-current control with delay during soft
start. The delay time is set by the ROSC resistor, which sets the number of switching cycles for the delay counter.
The delay is required since over-current conditions can occur as part of normal operation due to inrush current. If an
over-current occurs during soft start (before VRRDY is asserted), the SS/DEL voltage is regulated by the over
current amplifier to limit the output current below the threshold set by OCSET voltage. If the over-current condition
persists after delay time is reached, the fault latch will be set pulling the error amplifier’s output low and inhibiting
switching in the phase ICs. The SS/DEL capacitor will discharge until it reaches 0.2V and the fault latch is reset
allowing a normal soft start to occur. If an over-current condition is again encountered during the soft start cycle, the
constant over-current control actions will repeat and the converter will be in hiccup mode. The delay time is
controlled by a counter which is triggered by clock. The counter values vary with switching frequency per phase in
order to have a similar delay time for different switching frequencies.
Over-Current Hiccup Protection after Soft Start
The over current limit threshold is set by a resistor connected between OCSET and VDAC pins. Figure 13 shows
the constant over-current control with delay after VRRDY is asserted. The delay is required since over-current
conditions can occur as part of normal operation due to load transients or VID transitions.
If the IIN pin voltage, which is proportional to the average current plus VDAC voltage, exceeds the OCSET voltage
after VRRDY is asserted, it will initiate the discharge of the capacitor at SS/DEL. The magnitude of the discharge
current is proportional to the voltage difference between IIN and OCSET and has a maximum nominal value of
55uA. If the over-current condition persists long enough for the SS/DEL capacitor to discharge below the 120mV
offset of the delay comparator, the fault latch will be set pulling the error amplifier’s output low and inhibiting
switching in the phase ICs and de-asserting the VRRDY signal. The output current is not controlled during the delay
time. The SS/DEL capacitor will discharge until it reaches 200 mV and the fault latch is reset allowing a normal soft
start to occur. If an over-current condition is again encountered during the soft start cycle, the over-current action
will repeat and the converter will be in hiccup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com