Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3500MPBF Datasheet(PDF) 29 Page - International Rectifier

Part # IR3500MPBF
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500MPBF Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3500MPBF Datasheet HTML 25Page - International Rectifier IR3500MPBF Datasheet HTML 26Page - International Rectifier IR3500MPBF Datasheet HTML 27Page - International Rectifier IR3500MPBF Datasheet HTML 28Page - International Rectifier IR3500MPBF Datasheet HTML 29Page - International Rectifier IR3500MPBF Datasheet HTML 30Page - International Rectifier IR3500MPBF Datasheet HTML 31Page - International Rectifier IR3500MPBF Datasheet HTML 32Page - International Rectifier IR3500MPBF Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
IR3500
Page 29 of 47
June 12, 2007
U62
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
U50
CBST5
U52
U51
RCS6
CIN6
CVCCL6
CCS6
CCS5
RCS5
CIN5
U61
CBST6
L5
CVCC5
CVCC6
CVCCL5
L6
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
U60
RCP
RDRP1
CCS2
VID7
1
VID6
2
VID5
3
VID4
4
VID3
5
VID2
6
VID1
7
VID0
8
VDAC
21
VSETPT
19
OCSET
20
LGND
24
VDRP
17
SS/DEL
22
ROSC / OVP
23
IIN
18
IR3500
CONTROL
IC
U42
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
U20
RVCCLFB1
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
U30
RTHERM1
CVCC2
U11
ROCSET
CBST2
CSS/DEL
CBST3
U32
ROSC
CIN2
U31
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
U10
CIN1
RFB1
U12
RHOTSET1
RCS4
ROVP2
CIN4
U21
CVCCL4
CCP
CCS4
RVCCLDRV
CVCC1
4.7uF
CVCCL
SCR
CCS3
U22
CDRP
RCS1
RVSETPT
L2
RFB2
RCS3
RHOTSET2
CIN3
CCS1
CVCCL1
Q2
RTHERM2
CVDAC
RVCCLFB2
U41
CCP1
CFB
FUSE
RFB
Q1
CBST4
Q3
CBST1
L3
CVCC3
L1
CVCC4
CVCCL3
RCS2
ROVP1
RDRP
RVDAC
L4
CVCCL2
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
U40
VOUT SENSE-
VOUT SENSE+
VOUT+
VID7
VR READY
VOUT-
VRHOT
12V
VID3
VID2
VID6
VID1
VID4
VID5
VIDSEL
ENABLE
VID0
CLOSE TO
POWER
STAGE
D ISTRIBUTION
IMPEDANCE
COUT
Figure 21 - IR3500 / IR3505 Six Phase VRM11.0 / VRD11.0 / EVRD11.0 Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com