Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8440C3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8440C3
Description  Switch for CTV receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8440C3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8440C3 Datasheet HTML 2Page - NXP Semiconductors TDA8440C3 Datasheet HTML 3Page - NXP Semiconductors TDA8440C3 Datasheet HTML 4Page - NXP Semiconductors TDA8440C3 Datasheet HTML 5Page - NXP Semiconductors TDA8440C3 Datasheet HTML 6Page - NXP Semiconductors TDA8440C3 Datasheet HTML 7Page - NXP Semiconductors TDA8440C3 Datasheet HTML 8Page - NXP Semiconductors TDA8440C3 Datasheet HTML 9Page - NXP Semiconductors TDA8440C3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
November 1985
6
Philips Semiconductors
Product specification
Switch for CTV receivers
TDA8440
D0/OFF gating
Power-on reset
The circuit is provided with a power-on reset function.
When the power supply is switched on an internal pulse will be generated that will reset the internal memory S0, in the
initial state all the switches will be in the off position and the OFF input is active (D7 - D0 = 0) (I2C mode), position defined
via SDA and SCL inputs (non-I2C mode).
When the power supply decreases below 5 V a pulse will be generated and the internal memory will be reset. The
behaviour of the switches will be the same as described above.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
D0
OFF INPUT
OUTPUTS
0 (off input active)
H
OFF
0
L
in accordance with last defined
D7 - D1 (may be entered while OFF = HIGH)
1 (off input inactive)
H
in accordance with D7 - D1
1
L
in accordance with D7 - D1
MIN. TYP.
MAX.
UNIT
Supply voltage
pin 15
VP
−−
14
V
Input voltage range
pin 17
VSDA
−0,3 −
VP + 0,3 V
pin 18
VSCL
−0,3 −
VP + 0,3 V
pin 2
VOFF
−0,3 −
VP + 0,3 V
pin 11
VS0
−0,3 −
VP + 0,3 V
pin 13
VS1
−0,3 −
VP + 0,3 V
pin 6
VS2
−0,3 −
VP + 0,3 V
Video output current
pin 16
−I
16
−−
50
mA
Storage temperature range
Tstg
−−+ 125
°C
Operating ambient temperature range
Tamb
0
−+ 70
°C
Junction temperature
Tj
−−+ 150
°C
PARAMETER
SYMBOL
VALUE
UNIT
From junction to ambient in free air
Rth j−a
50
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com