Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8440C3 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8440C3
Description  Switch for CTV receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8440C3 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8440C3 Datasheet HTML 4Page - NXP Semiconductors TDA8440C3 Datasheet HTML 5Page - NXP Semiconductors TDA8440C3 Datasheet HTML 6Page - NXP Semiconductors TDA8440C3 Datasheet HTML 7Page - NXP Semiconductors TDA8440C3 Datasheet HTML 8Page - NXP Semiconductors TDA8440C3 Datasheet HTML 9Page - NXP Semiconductors TDA8440C3 Datasheet HTML 10Page - NXP Semiconductors TDA8440C3 Datasheet HTML 11Page - NXP Semiconductors TDA8440C3 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
November 1985
9
Philips Semiconductors
Product specification
Switch for CTV receivers
TDA8440
Notes to the characteristics
1. Also if the supply is switched off.
2. Caused by drive on any other input at maximum level, measured in B = 5 MHz, source impedance
for the used input 75
Ω,
3.
4. Supply voltage ripple rejection = 20
5.
6. Caused by drive of any other input at maximum level, measured in B = 20 kHz, source impedance
of the used input = 1 k
Ω,
7. f = 20 Hz to 20 kHz.
8. All outputs are short-circuit proof (static).
9. The inputs and output (apart from SDA, SCL and OFF) withstand tests of MIL-STD-883 C. It is advisable to
connected series resistors to these pins.
10. Timings tS, DAT and tH, DAT deviate from the I2C bus specification. After reset has been activated, transmission may
only be started after a 50
µs delay.
11. I2C bus load conditions are as follows:
4k
Ω pull-up resistor to + 5 V; 200 pF to GND.
All values are referred to VIH = 3 V and VIL = 1,5 V.
Bus free before start(11)
tBUF
4
−−µs
Start condition set-up time
ts(STA)
4
−−µs
Start condition hold time
th(STA)
4
−−µs
SCL, SDA LOW period
tLOW
4
−−µs
SCL, HIGH period
tHIGH
4
−−µs
SCL, SDA rise time
tr
−−
1
µs
SCL, SDA fall time
tf
−−
0,3
µs
Data set-up time (write)
ts(DAT)
1
−−µs
Data hold time (write)
th(DAT)
1
−−µs
Acknowledge (from TDA8440) set-up time
ts(CAC)
−−
2
µs
Acknowledge (from TDA8440) hold time
th(CAC)
0
−−µs
Stop condition set-up time
ts(STO)
4
−−µs
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
crosstalk
20
V
out
V
IN max
----------------------
log
=
S/N
20
V
O video noise (p-p) (2 V)
V
O noise rms B = 5 MHz
----------------------------------------------------------------------
˙
.
log
=
V
r supply
V
r on output
-------------------------------- at f = max. 100 kHz.
log
S/N = 20
V
O nominal (0,5 V)
V
O noiseB=20kHz
-------------------------------------------------------
˙˙
.
log
crosstalk = 20
V
out
V
in max
--------------------- according to DIN 45405 (CCIR 468).
log



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com