Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6116LS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6116LS
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6116LS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6116LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC6116LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC6116LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC6116LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6116LS
No. A0579-1/4
Features
•
High speed.
•
High breakdown voltage (VCBO=1500V).
•
High reliability (Adoption of HVP process).
•
Adoption of MBIT process.
•
On-chip damper diode.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1500
V
Collector-to-Emitter Voltage
VCEO
800
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
6A
Collector Current (Pulse)
ICP
15
A
Collector Dissipation
PC
2.0
W
Tc=25°C30
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0A
10
µA
Collector Cutoff Current
ICES
VCE=1500V, RBE=0Ω
1.0
mA
Collector Sustain Voltage
VCEO(sus)
IC=100mA, IB=0A
800
V
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
40
130
mA
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=3.15A, IB=0.63A
2
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=3.15A, IB=0.63A
1.5
V
DC Current Gain
hFE1VCE=5V, IC=0.5A
10
hFE2VCE=5V, IC=3.5A
5.3
7.5
Diode Forward Voltage
VF
IEC=6A
2
V
Fall Time
tf
IC=2A, IB1=0.4A, IB2=--0.8A
0.2
µs
Ordering number : ENA0579
D1306KC TI IM TC-00000393
SANYO Semiconductors
DATA SHEET
2SC6116LS
NPN Triple Diffused Planar Silicon Transistor
Color TV Horizontal Deflection
Output Applications
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - 2SC6116LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6112 SANYO-2SC6112 Datasheet
56Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6113 SANYO-2SC6113 Datasheet
57Kb / 4P
NPN Triple Diffused Planar Silicon Transistor For 14, 21 inch TV Power Supply
logo
Rohm
2SC6114 ROHM-2SC6114 Datasheet
82Kb / 4P
Small signal low frequency amplifier
logo
Sanyo Semicon Device
2SC6117 SANYO-2SC6117 Datasheet
53Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6118LS SANYO-2SC6118LS Datasheet
52Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
More results

Similar Description - 2SC6116LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1876 SANYO-2SD1876 Datasheet
82Kb / 3P
Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1883 SANYO-2SD1883 Datasheet
83Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
Color TV Horizontal Deflection Output Applications???
2SD2580 SANYO-2SD2580 Datasheet
43Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2634 SANYO-2SD2634 Datasheet
30Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com