Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6116LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6116LS
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6116LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6116LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC6116LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC6116LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC6116LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6116LS
No. A0579-3/4
0
0
20
40
60
80
100
120
140
160
2.5
2.0
1.5
1.0
0.5
25
30
20
15
10
5
0
0
20
40
60
80
100
120
140
160
35
IT11890
IT11892
IT11894
IT11893
IT11895
0.1
1.0
10
0.1
7
5
3
2
7
5
3
2
5
1.0
23
7
5
10
23
7
0.001
0.01
2
3
5
2
3
5
7
2
0.1
3
5
7
2
1.0
2
3
5
7
1.0
2
2
3
5
3
7
10
0.1
10
23
2
5
57 100
32
3
57 1000
10
100
1000
35 7
23
5 7
23
5 7
2
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
tstg
tf
IT11891
VCC=200V
IC=3A
IB1=0.6A
R load
tstg
300
µs
1ms
10ms
ICP=15A
IC=6A
L=500
µH
IB2= --1.0A
Tc=25
°C
Single pulse
100
µs
0.1
1.0
10
0.1
7
5
3
2
7
5
3
2
5
1.0
23
7
5
10
23
7
1.0
3
5
7
2
10
3
5
7
Collector Current, IC -- A
SW Time -- IC
Reverse Bias A S O
SW Time -- IB2
Base Current, IB2 -- A
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
PC -- Tc
Tc=25
°C
Single pulse
Collector-to-Emitter Voltage, VCE -- V
PC -- Ta
No
heat
sink



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com