Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS932 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS932
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS932 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS932 Datasheet HTML 3Page - STMicroelectronics TS932 Datasheet HTML 4Page - STMicroelectronics TS932 Datasheet HTML 5Page - STMicroelectronics TS932 Datasheet HTML 6Page - STMicroelectronics TS932 Datasheet HTML 7Page - STMicroelectronics TS932 Datasheet HTML 8Page - STMicroelectronics TS932 Datasheet HTML 9Page - STMicroelectronics TS932 Datasheet HTML 10Page - STMicroelectronics TS932 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Electrical Characteristics
TS931-TS932-TS934
7/15
Figure 13:
Figure 14:
Figure 15:
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
0
10
20
30
40
50
60
70
60
80
100
120
140
160
180
Frequency (Hz)
Gain
Phase
RL = 100k
CL = 50 pF
Vcc = 3V & 5V
20
50
100
200
500
1,000
2,000
5,000 10,000
0
0.2
0.4
0.6
0.8
1
RL=100k
Gain = +2
Vcc=5V
Vo=4Vpp
Vcc=3V
Vo=2Vpp
Frequency (Hz)
10
30
100
300
1,000
3,000
10,000
0
20
40
60
80
100
Frequency (Hz)
Vcc=2.7V
Rs = 100
Tamb = 25°C
Figure 16:
Figure 17:
Figure 18:
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
Frequency (Hz)
Gain
Phase
RL = 100k
CL = 100 pF
Vcc = 3V & 5V
12
34
5
0
0.5
1
1.5
2
Output Voltage (Vpp)
RL=100k
Gain = +2
Vcc=3V
Vcc=5V
F = 100Hz
100
300
1,000
3,000
10,000
30,000
100,000
300,000
1,000,000
-75
-70
-65
-60
-55
-50
-45
-40
Frequency (Hz)
Vcc = 5V
Gain = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com